Electronic Components Datasheet Search
  English  ▼

X  

WM1811A Datasheet(PDF) 147 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 147 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 143Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 144Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 145Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 146Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 147Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 148Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 149Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 150Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 151Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 328 page
background image
Production Data
WM1811A
w
PD, November 2013, Rev 4.1
147
OPCLK CLOCK OUTPUT
A clock output (OPCLK) derived from SYSCLK may be output on any GPIO pin by setting the
respective GPIO registers as described in “GPIO Control”. This clock is enabled by register bit
OPCLK_ENA, and its frequency is controlled by OPCLK_DIV.
See “Clocking and Sample Rates” for more details of the System Clock (SYSCLK).
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R2 (0002h)
Power
Management
(2)
11
OPCLK_EN
A
0
GPIO Clock Output (OPCLK) Enable
0 = Disabled
1 = Enabled
R521 (0209h)
Clocking 1
2:0
OPCLK_DIV
000
GPIO Output Clock (OPCLK) Divider
000 = SYSCLK
001 = SYSCLK / 2
010 = SYSCLK / 3
011 = SYSCLK / 4
100 = SYSCLK / 6
101 = SYSCLK / 8
110 = SYSCLK / 12
111 = SYSCLK / 16
Table 83 OPCLK Control
FLL CLOCK OUTPUT
The FLL Clock outputs may be outputdirectly on any GPIO pin by setting the respective GPIO
registers as described in “GPIO Control”.
See “Clocking and Sample Rates” for more details of the WM1811A system clocking and for details of
how to enable and configure the Frequency Locked Loops.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com