Electronic Components Datasheet Search
  English  ▼

X  

WM1811A Datasheet(PDF) 132 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 132 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 128Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 129Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 130Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 131Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 132Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 133Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 134Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 135Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 136Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 328 page
background image
WM1811A
Production Data
w
PD, November 2013, Rev 4.1
132
When JACKDET_MODE = 01, LDO1 and LDO2 are disabled. AVDD1 is powered from AVDD2, and
DCVDD is powered from DBVDD1.
When JACKDET_MODE = 10, LDO1 and LDO2 are disabled. AVDD1 is unpowered, and DCVDD is
powered from DBVDD1.
Note that, in both modes described above, the LDO1ENA input pin is ignored. The LDO2ENA pin
must be asserted (logic ‘1’) to power DCVDD, although LDO2 will operate in a ‘bypass’ mode,
connecting DCVDD to DBVDD1.
Note that, in both modes described above, the AVDD1 voltage is below the minimum recommended
operating level. Analogue or digital audio functions cannot be supported in these modes.
Note that the LDO configuration for JACKDET_MODE = 01 or 10 assumes that AVDD1 and DCVDD
are powered from LDO1 and LDO2 respectively. If AVDD1 or DCVDD is powered externally (not from
the internal LDOs), then these settings of JACKDET_MODE must not be used.
If AVDD1 or DCVDD is powered externally (not from the internal LDOs), then the Jack Detect function,
when required, should be enabled by setting JACKDET_MODE = 11.
The control registers associated with the Jack Detect function are described in Table 77.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1797
(0705h)
JACKDET
Ctrl
8
JACKDET_DB
1
JACKDETinput de-bounce
0 = Disabled
1 = Enabled
6
JACKDET_LVL
0
JACKDET input status
0 = Jack not detected
1 = Jack is detected
R57 (39h)
AntiPOP (2)
8:7
JACKDET_MODE
00
JACKDET mode select
00 = Jack Detect disabled
01 = Jack Detect enabled
10 = Jack Detect enabled
11 = Jack Detect enabled
MICDET (microphone/accessory
detection) is not supported when
JACKDET_MODE = 10.
Analogue/Digital audio functions
are not supported when
JACKDET_MODE = 01 or 10.
LDO1_DISCH must be set to 0
when JACKDET_MODE=01.
Settings 01 and 10 must not be
selected if AVDD1 or DCVDD is
supplied externally (ie. if LDO1 or
LDO2 is not used).
Table 77 Jack Detect Control
Clocking for the jack detection function is derived from SYSCLK (defined in the “Clocking and Sample
Rates” section). The WM1811A can support accessory detection using a low frequency (eg. 32kHz)
clock for reduced power consumption. See the “External Accessory Detection Clocking” section below
for further details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com