Electronic Components Datasheet Search
  English  ▼

X  

WM1811A Datasheet(PDF) 135 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 135 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 131Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 132Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 133Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 134Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 135Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 136Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 137Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 138Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 139Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 328 page
background image
Production Data
WM1811A
w
PD, November 2013, Rev 4.1
135
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R208
(00D0h)
Mic Detect 1
15:12
MICD_BIAS_START
TIME [3:0]
0111
Mic Detect Bias Startup Delay
(If MICBIAS2 is not enabled already,
this field selects the delay time
allowed for MICBIAS2 to startup prior
to performing the MICDET function.)
0000 = 0ms (continuous)
0001 = 0.25ms
0010 = 0.5ms
0011 = 1ms
0100 = 2ms
0101 = 4ms
0110 = 8ms
0111 = 16ms
1000 = 32ms
1001 = 64ms
1010 = 128ms
1011 = 256ms
1100 to 1111 = 512ms
11:8
MICD_RATE [3:0]
0110
Mic Detect Rate
(Selects the delay between
successive Mic Detect
measurements.)
0000 = 0ms (continuous)
0001 = 0.25ms
0010 = 0.5ms
0011 = 1ms
0100 = 2ms
0101 = 4ms
0110 = 8ms
0111 = 16ms
1000 = 32ms
1001 = 64ms
1010 = 128ms
1011 = 256ms
1100 to 1111 = 512ms
1
MICD_DBTIME
0
Mic Detect De-bounce
0 = 2 measurements
1 = 4 measurements
0
MICD_ENA
0
Mic Detect Enable
0 = Disabled
1 = Enabled
Note that Mic Detect is not supported
when JACKDET_MODE = 10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com