Electronic Components Datasheet Search
  English  ▼

X  

WM1811A Datasheet(PDF) 134 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 134 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 130Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 131Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 132Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 133Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 134Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 135Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 136Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 137Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 138Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 328 page
background image
WM1811A
Production Data
w
PD, November 2013, Rev 4.1
134
MICROPHONE / ACCESSORY DETECT
The WM1811A accessory detection circuit measures the impedance of an external load connected to
the MICDET pin. This feature can be used to detect the insertion or removal of a microphone, and the
status of the associated hookswitch. It can also be used to detect push-button status or the
connection of other external accessories.
The microphone detection circuit measures the impedance connected to MICDET, and reports
whether the measured impedance lies within one of 9 pre-defined levels (including the ‘no accessory
detected’ level). This means it can detect the presence of a typical microphone and up to 7 push-
buttons. One of the impedance levels is specifically designed to detect a video accessory (typical
75
) load if required.
The microphone detection circuit uses the MICBIAS2 output as a reference. The WM1811A will
automatically enable MICBIAS2 when required in order to perform the detection function; this allows
the detection function to be supported in low-power standby operating conditions.
Microphone detection is enabled by setting the MICD_ENA register. When microphone detection is
enabled, the WM1811A performs a number of measurements in order to determine the MICDET
impedance. The measurement process is repeated at a cyclic rate controlled by MICD_RATE.(The
MICD_RATE register selects the delay between completion of one measurement and the start of the
next.)
For best accuracy, the measured impedance is only deemed valid after more than one successive
measurement has produced the same result. The MICD_DBTIME register provides control of the de-
bounce period; this can be either 2 measurements or 4 measurements.
When the microphone detection result has settled (ie. after the applicable de-bounce period), the
WM1811A indicates valid data by setting the MICD_VALID bit. The measured impedance is indicated
using the MICD_LVL and MICD_STS register bits, as described in Table 78.
The MICD_VALID bit, when set, remains asserted for as long as the microphone detection function is
enabled (ie. while MICD_ENA = 1). If the detected impedance changes, then the MICD_LVL and
MICD_STS fields will change, but the MICD_VALID bit will remain set, indicating valid data at all
times.
Note that the impedance levels quoted in the MICD_LVL description assume that a microphone (475Ω
to 30kΩ impedance) is also present on the MICDET pin. The limits quoted in the “Electrical
Characteristics” refer to the combined effective impedance on the MICDET pin. Typical external
components are described in the “Applications Information” section.
The microphone detection reports a measurement result in one of the pre-defined impedance levels.
Each measurement level can be enabled or disabled independently; this provides flexibility according
to the required thresholds, and offers a faster measurement time in some applications. The
MICD_LVL_SEL register is described in detail later in this section.
Clocking for the microphone detection function is derived from SYSCLK (defined in the “Clocking and
Sample Rates” section).The WM1811A can support accessory detection using a low frequency (eg.
32kHz) clock for reduced power consumption. See the “External Accessory Detection Clocking”
section below for further details.
The microphone detection function is an input to the Interrupt control circuit and can be used to trigger
an Interrupt event every time an accessory insertion, removal or impedance change is detected. See
“Interrupts” for further details.
The microphone detection function can also generate a GPIO output, providing an external indication
of the microphone detection. This GPIO output is pulsed every time an accessory insertion, removal
or impedance change is detected. See “General Purpose Input/Output” for details of how to configure
a GPIO pin to output the microphone detection signal.
The register fields associated with Microphone Detection (or other accessories) are described in Table
78. The external circuit configuration is illustrated in Figure 41.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com