Electronic Components Datasheet Search
  English  ▼

X  

WM1811A Datasheet(PDF) 186 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 186 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 182Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 183Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 184Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 185Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 186Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 187Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 188Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 189Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 190Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 328 page
background image
WM1811A
Production Data
w
PD, November 2013, Rev 4.1
186
A clock is required for the Charge Pump circuit when the ground-referenced headphone outputs
(HPOUT1L and HPOUT1R) are enabled. The Charge Pump clock is derived from SYSCLK whenever
the Charge Pump is enabled. The Charge Pump clock division is configured automatically.
A clock is required for the Class D speaker driver circuit when the speaker outputs (SPKOUTL and
SPKOUTR) are enabled. The Class D clock is derived from SYSCLK whenever these outputs are
enabled in Class D mode. The Class D clock division is configured automatically. See “Analogue
Outputs” for details of the Class D switching frequency.
A clock output (OPCLK) derived from SYSCLK may be output on a GPIO pin. This clock is enabled by
register big OPCLK_ENA, and its frequency of this clock is controlled by OPCLK_DIV. See General
Purpose Input/Output” to configure a GPIO pin for this function.
A slow clock (TOCLK) is derived internally in order to control volume update timeouts when the zero-
cross option is selected. This clock is enabled by register bit TOCLK_ENA, and its frequency is
controlled by TOCLK_DIV.
A de-bounce control is provided for GPIO inputs and for other functions that may be selected as GPIO
outputs. The de-bounced clock frequency is controlled by DBCLK_DIV.
The WM1811A generates a 256kHz clock for internal functions; TOCLK and DBCLK are derived from
this 256kHz clock. In order to generate this clock correctly when SYSCLK_SRC = 0, valid settings are
required for AIF1_SR and AIF1CLK_RATE. To generate this clock correctly when SYSCLK_SRC = 1,
valid settings are required for AIF2_SR and AIF2CLK_RATE.
The WM1811A Clocking is illustrated in Figure 68.
Figure 68 System Clocking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com