Electronic Components Datasheet Search
  English  ▼

X  

WM1811A Datasheet(PDF) 188 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 188 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 184Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 185Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 186Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 187Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 188Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 189Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 190Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 191Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 192Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 328 page
background image
WM1811A
Production Data
w
PD, November 2013, Rev 4.1
188
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1568
(0620h)
Oversampling
1
ADC_OSR128
1
ADC / Digital Microphone Oversample
Rate Select
0 = Low Power
1 = High Performance
0
DAC_OSR128
0
DAC Oversample Rate Select
0 = Low Power
1 = High Performance
R1793
(0701h)
Pull Control
(MCLK2)
14
MCLK2_PU
0
MCLK2Pull-up enable
0 = Disabled
1 = Enabled
13
MCLK2_PD
1
MCLK2Pull-down enable
0 = Disabled
1 = Enabled
R1824
(0720h)
Pull Control
(1)
7
MCLK1_PU
0
MCLK1 Pull-up enable
0 = Disabled
1 = Enabled
6
MCLK1_PD
0
MCLK1 Pull-down enable
0 = Disabled
1 = Enabled
Table 112 System Clocking
BCLK AND LRCLK CONTROL
The digital audio interfaces (AIF1 and AIF2) use BCLK and LRCLK signals for synchronisation. In
master mode, these are output signals, generated by the WM1811A. In slave mode, these are input
signals to the WM1811A. It is also possible to support mixed master/slave operation.
The BCLK and LRCLK signals are controlled as illustrated in Figure 69. See the “Digital Audio
Interface Control” section for further details of the relevant control registers.
Figure 69 BCLK and LRCLK Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com