Electronic Components Datasheet Search
  English  ▼

X  

WM1811A Datasheet(PDF) 191 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 191 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 187Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 188Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 189Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 190Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 191Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 192Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 193Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 194Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 195Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 328 page
background image
Production Data
WM1811A
w
PD, November 2013, Rev 4.1
191
In order to follow the above requirements for FVCO, the value of FLLn_OUTDIV should be selected
according to the desired output FOUT. The divider, FLLn_OUTDIV, must be set so that FVCO is in the
range 90-100MHz. The available divisions are integers from 4 to 64. Some typical settings of
FLLn_OUTDIV are noted in Table 113.
OUTPUT FREQUENCY FOUT
FLLn_OUTDIV
1.875 MHz - 2.0833 MHz
101111 (divide by 48)
2.8125 MHz - 3.125 MHz
011111 (divide by 32)
3.75 MHz - 4.1667 MHz
010111 (divide by 24)
5.625 MHz - 6.25 MHz
001111 (divide by 16)
11.25 MHz - 12.5 MHz
000111 (divide by 8)
18 MHz - 20 MHz
000100 (divide by 5)
22.5 MHz - 25 MHz
000011 (divide by 4)
Table 113 Selection of FLLn_OUTDIV
The value of FLLn_FRATIO should be selected as described in Table 114.
REFERENCE FREQUENCY FREF
FLLn_FRATIO
1MHz - 13.5MHz
0h (divide by 1)
256kHz - 1MHz
1h (divide by 2)
128kHz - 256kHz
2h (divide by 4)
64kHz - 128kHz
3h (divide by 8)
Less than 64kHz
4h (divide by 16)
Table 114 Selection of FLLn_FRATIO
In order to determine the remaining FLL parameters, the FLL operating frequency, FVCO, must be
calculated, as given by the following equation:
FVCO = (FOUT x FLLn_OUTDIV)
The value of N.K can then be determined as follows:
N.K = FVCO / (FLLn_FRATIO x FREF)
Note that, in the above equations:
FLLn_OUTDIV is the FOUT clock ratio.
FREF is the input frequency, after division by FLL_REFCLK_DIV, where applicable.
FLLn_FRATIO is the FVCO clock ratio (1, 2, 4, 8 or 16).
The value of N is held in the FLLn_N register field.
The value of K is determined by the ratio FLLn_THETA / FLLn_LAMBDA.
The FLLn_N, FLLn_THETA and FLLn_LAMBDA fields are all coded as integers (LSB = 1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com