Electronic Components Datasheet Search
  English  ▼

X  

WM1811A Datasheet(PDF) 195 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 195 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 191Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 192Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 193Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 194Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 195Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 196Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 197Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 198Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 199Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 328 page
background image
Production Data
WM1811A
w
PD, November 2013, Rev 4.1
195
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R582 (0246h)
FLL2 EFS1
15:0
FLL2_LAMBDA
[15:0]
0000h
FLL Fractional multiply for FREF
This field sets the denominator
(dividing) part of the FLL2_THETA /
FLL2_LAMBDA ratio.
Coded as LSB = 1.
R583 (0247h)
FLL2 EFS2
2:1
11
Reserved - Do not change
0
FLL2_EFS_ENA
0
FLL Fractional Mode EFS enable
0 = Integer Mode
1 = Fractional Mode
This bit should be set to 1 when
FLL2_THETA > 0.
Table 116 FLL2 Register Map
FREE-RUNNING FLL CLOCK
The FLL can generate a clock signal even when no external reference is available. However, it should
be noted that the accuracy of this clock is reduced, and a reference source should always be used
where possible. The free-running FLL modes are not sufficiently accurate for hi-fi ADC or DAC
operations, but are suitable for clocking most other functions, including the Charge Pump, DC Servo
and Class D loudspeaker driver. The free-running FLL operation is ideal for clocking the accessory
detection function during low-power standby operating conditions (see “External Accessory
Detection”).
If an accurate reference clock is initially available, then the FLL should be configured as described
above. The FLL will continue to generate a stable output clock after the reference input is stopped or
disconnected.
If no reference clock is available at the time of starting up the FLL, then an internal clock frequency of
approximately 12MHz can be generated by implementing the following sequence:
Enable the FLL Analogue Oscillator (FLLn_OSC_ENA = 1)
Set the FOUT clock divider to divide by 8 (FLLn_OUTDIV = 000111)
Configure the oscillator frequency by setting FLLn_FRC_NCO = 1 and
FLLn_FRC_NCO_VAL = 19h
Note that the free-running FLL mode is not suitable for hi-fi CODEC applications. In the absence of
any reference clock, the FLL output is subject to a very wide tolerance; see “Electrical Characteristics”
for details of the FLL accuracy.
Note that the free-running FLL clock is selected as SYSCLK using the registers noted inFigure 67.
The free-running FLL clock may be used to support analogue functions, for which the digital audio
interface is not used, and there is no applicable Sample Rate (fs). When SYSCLK is required for
circuits such the Class D, DC Servo or Charge Pump, then valid Sample Rate register settings are still
required, even though the digital audio interface is not active.
For correct functionality when SYSCLK_SRC = 0, valid settings are required for AIF1_SR and
AIF1CLK_RATE. In the case where SYSCLK_SRC = 1, then valid settings are required for AIF2_SR
and AIF2CLK_RATE.
The control registers applicable to FLL free-running modes are described in Table 117.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com