Electronic Components Datasheet Search
  English  ▼

X  

WM1811A Datasheet(PDF) 197 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 197 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 193Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 194Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 195Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 196Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 197Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 198Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 199Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 200Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 201Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 328 page
background image
Production Data
WM1811A
w
PD, November 2013, Rev 4.1
197
EXAMPLE FLL CALCULATION
The following example illustrates how to derive the FLL1 registers to generate 12.288 MHz output
(FOUT) from a 12.000 MHz reference clock (FREF):
Set FLL1_REFCLK_DIV in order to generate FREF<=13.5MHz:
FLL1_REFCLK_DIV = 00 (divide by 1)
Set FLL1_OUTDIV for the required output frequency as shown in Table 113:-
FOUT = 12.288 MHz, therefore FLL1_OUTDIV = 7h (divide by 8)
Set FLL1_FRATIO for the given reference frequency as shown in Table 114:
FREF = 12MHz, therefore FLL1_FRATIO = 0h (divide by 1)
Calculate FVCO as given by FVCO = FOUT x FLL1_OUTDIV:-
FVCO = 12.288 x 8 = 98.304MHz
Calculate N.K as given by N.K = FVCO / (FLL1_FRATIO x FREF):
N.K = 98.304 / (1 x 12) = 8.192
Set FLL1_EFS_ENA according to whether N.K is an integer.
N.K has a fractional part, therefore FLL1_EFS_ENA = 1
Determine FLL1_N from the integer portion of N.K:-
FLL_N =8.
Determine GCD(FLL), as given by GCD(FLL) = GCD(FLL1_FRATIO x FREF, FVCO):
GCD(FLL)= GCD(1 x 12000000, 98304000) = 96000
Determine FLL1_THETA, as given by
FLL1_THETA = (FVCO - (FLL1_N x FLL1_FRATIO x FREF)) / GCD(FLL):
FLL1_THETA = (98304000 - (8 x 1 x 12000000)) / 96000
FLL1_THETA = 24 (0018h)
Determine FLL_LAMBDA, as given by
FLL1_LAMBDA = (FLL1_FRATIO x FREF) / GCD(FLL):
FLL1_LAMBDA = (1 x 12000000) / 96000
FLL1_LAMBDA = 125 (007Dh)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com