Electronic Components Datasheet Search
  English  ▼

X  

WM1811A Datasheet(PDF) 196 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 196 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 192Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 193Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 194Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 195Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 196Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 197Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 198Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 199Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 200Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 328 page
background image
WM1811A
Production Data
w
PD, November 2013, Rev 4.1
196
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R544 (0220h)
FLL1 Control (1)
1
FLL1_OSC_ENA
0
FLL1Oscillator enable
0 = Disabled
1 = Enabled
(Note that this field is required for
free-running FLL1 modes only)
R548 (0224h)
FLL1 Control (5)
12:7
FLL1_FRC_NCO
_VAL [5:0]
19h
FLL1 Forced oscillator value
Valid range is 000000 to 111111
0x19h (011001) = 12MHz approx
(Note that this field is required for
free-running FLL modes only)
6
FLL1_FRC_NCO
0
FLL1Forced control select
0 = Normal
1 = FLL1 oscillator controlled by
FLL1_FRC_NCO_VAL
(Note that this field is required for
free-running FLL modes only)
R576 (0240h)
FLL2 Control (1)
1
FLL2_OSC_ENA
0
FLL2 Oscillator enable
0 = Disabled
1 = Enabled
(Note that this field is required for
free-running FLL2 modes only)
R580 (0244h)
FLL2 Control (5)
12:7
FLL2_FRC_NCO
_VAL [5:0]
19h
FLL2 Forced oscillator value
Valid range is 000000 to 111111
0x19h (011001) = 12MHz approx
(Note that this field is required for
free-running FLL modes only)
6
FLL2_FRC_NCO
0
FLL2 Forced control select
0 = Normal
1 = FLL2 oscillator controlled by
FLL2_FRC_NCO_VAL
(Note that this field is required for
free-running FLL modes only)
Table 117 FLL Free-Running Mode
GPIO OUTPUTS FROM FLL
For each FLL, the WM1811A has an internal signal which indicates whether the FLL Lock has been
achieved. The FLL Lock status is an input to the Interrupt control circuit and can be used to trigger an
Interrupt event - see “Interrupts”.
The FLL Lock signal can be output directly on a GPIO pin as an external indication of FLL Lock. See
“General Purpose Input/Output” for details of how to configure a GPIO pin to output the FLL Lock
signal.
The FLL Clock can be output directly on a GPIO pin as a clock signal for other circuits. Note that the
FLL Clock may be output even if the FLL is not selected as the WM1811A SYSCLK source. The FLL
clocking configuration is illustrated in Figure 70. See “General Purpose Input/Output” for details of how
to configure a GPIO pin to output the FLL Clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com