Electronic Components Datasheet Search
  English  ▼

X  

WM1811A Datasheet(PDF) 200 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 200 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 196Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 197Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 198Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 199Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 200Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 201Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 202Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 203Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 204Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 328 page
background image
WM1811A
Production Data
w
PD, November 2013, Rev 4.1
200
SAMPLE RATE CONVERTER RESTRICTIONS
The following restrictions apply to the configuration of the WM1811A Sample Rate Converters.
No SRC capability when using 88.2kHz or 96kHz AIF input (DAC playback). If either interface is
configured for 88.2kHz or 96kHz sample rate, then the digital mixing core must also be configured for
this sample rate. Sample Rate Conversion cannot be supported in this mode, therefore AIF output is
not supported at any sample rate under these conditions.
Restricted Sample Rate options when AIF1 and AIF2 are not synchronised. When a different
clock source is used for AIF1CLK and AIF2CLK, then the AIF to which the SYSCLK is synchronised
cannot be mixed sample rates.
If AIF1CLK_SRC ≠ AIF2CLK_SRC
And SYSCLK_SRC =0
Then AIF1DAC_DIV and AIF1ADC_DIV must be set to 000
SAMPLE RATE CONVERTER CONFIGURATION ERROR INDICATION
The WM1811A verifies the register settings relating to Clocking, Sample Rates and Sample Rate
Conversion. If an invalid configuration is attempted, then the SR_ERROR register will indicate the
error by showing a non-zero value. This read-only field may be checked to confirm that the WM1811A
can support the selected Clocking and Sample Rate settings.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R530 (0212h)
Rate Status
3:0
SR_ERROR
[3:0]
0000
Sample Rate Configuration status
Indicates an error with the register settings
related to sample rate configuration
0000 = No errors
0001 = Invalid sample rate
0010 = Invalid AIF divide
0011 = ADC and DAC divides both set in an
interface
0100 = Invalid combination of AIF divides
and sample-rate
0101 = Invalid set of enables for 96kHz
mode
0110 = Invalid SYSCLK rate (derived from
AIF1CLK_RATE or AIF2CLK_RATE)
0111 = Mixed ADC and DAC rates in
SYSCLK AIF when AIFs are asynchronous
1000 = Invalid combination of sample rates
when both AIFs are from the same clock
source
1001 = Invalid combination of mixed
ADC/DAC AIFs when both from the same
clock source
Table 119 Sample Rate Converter Configuration Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com