Electronic Components Datasheet Search
  English  ▼

X  

WM1811A Datasheet(PDF) 203 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 203 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 199Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 200Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 201Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 202Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 203Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 204Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 205Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 206Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 207Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 328 page
background image
Production Data
WM1811A
w
PD, November 2013, Rev 4.1
203
Figure 76 Multiple Register Write to Specified Address using Auto-increment
Figure 77 Multiple Register Read from Specified Address using Auto-increment
Figure 78 Multiple Register Read from Last Address using Auto-increment
Multiple Write and Multiple Read operations enable the host processor to access sequential blocks of
the data in the WM1811A register map faster than is possible with single register operations. The
auto-increment option is enabled when the AUTO_INC register bit is set. This bit is defined in Table
122. Auto-increment is enabled by default.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R257 (0101h)
Control Interface
2
AUTO_INC
1
Enables address auto-increment
0 = Disabled
1 = Enabled
R1825 (0721h)
Pull Control (2)
8
ADDR_PD
1
ADDR Pull-down enable
0 = Disabled
1 = Enabled
Table 122 Control Interface Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com