Electronic Components Datasheet Search
  English  ▼

X  

WM1811A Datasheet(PDF) 201 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 201 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 197Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 198Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 199Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 200Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 201Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 202Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 203Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 204Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 205Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 328 page
background image
Production Data
WM1811A
w
PD, November 2013, Rev 4.1
201
CONTROL INTERFACE
The WM1811A is controlled by writing to registers through a 2-wire serial control interface. Readback
is available for all registers, including Chip ID and power management status.
Note that the Control Interface function can be supported with or without system clocking. Where
possible, the register map access is synchronised with SYSCLK in order to ensure predictable
operation of cross-domain functions. See “Clocking and Sample Rates” for further details of Control
Interface clocking.
The WM1811A is a slave device on the control interface; SCLK is a clock input, while SDAT is a bi-
directional data pin. To allow arbitration of multiple slaves (and/or multiple masters) on the same
interface, the WM1811A transmits logic 1 by tri-stating the SDAT pin, rather than pulling it high. An
external pull-up resistor is required to pull the SDAT line high so that the logic 1 can be recognised by
the master.
In order to allow many devices to share a single 2-wire control bus, every device on the bus has a
unique 8-bit device ID (this is not the same as the address of each register in the WM1811A). The
device ID is selectable on the WM1811A, using the ADDR pin as shown in Table 120. The LSB of the
Device ID is the Read/Write bit; this bit is set to logic 1 for “Read” and logic 0 for “Write”.
An internal pull-down resistor is enabled by default on the ADDR pin; this can be configured using the
ADDR_PD register bit described in Table 122.
ADDR
DEVICE ID
Low
0011 0100 (34h)
High
0011 0110 (36h)
Table 120 Control Interface Device ID Selection
The WM1811A operates as a slave device only. The controller indicates the start of data transfer with
a high to low transition on SDAT while SCLK remains high. This indicates that a device ID, register
address and data will follow. The WM1811A responds to the start condition and shifts in the next eight
bits on SDAT (8-bit device ID, including Read/Write bit, MSB first). If the device ID received matches
the device ID of the WM1811A, then the WM1811A responds by pulling SDAT low on the next clock
pulse (ACK). If the device ID is not recognised or the R/W bit is set incorrectly, the WM1811A returns
to the idle condition and waits for a new start condition and valid address.
If the device ID matches the device ID of the WM1811A, the data transfer continues as described
below. The controller indicates the end of data transfer with a low to high transition on SDAT while
SCLK remains high. After receiving a complete address and data sequence the WM1811A returns to
the idle state and waits for another start condition. If a start or stop condition is detected out of
sequence at any point during data transfer (i.e. SDAT changes while SCLK is high), the device returns
to the idle condition.
The WM1811A supports the following read and write operations:
Single write
Single read
Multiple write using auto-increment
Multiple read using auto-increment
The sequence of signals associated with a single register write operation is illustrated in Figure 72.
Figure 72 Control Interface 2-wire (I2C) Register Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com