Electronic Components Datasheet Search
  English  ▼

X  

WM1811A Datasheet(PDF) 193 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 193 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 189Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 190Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 191Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 192Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 193Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 194Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 195Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 196Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 197Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 328 page
background image
Production Data
WM1811A
w
PD, November 2013, Rev 4.1
193
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R548 (0224h)
FLL1 Control (5)
15
FLL1_BYP
0
FLL1 Bypass Select
0 = Disabled
1 = Enabled
When FLL1_BYP is set, the FLL1
output is derived directly from
BCLK1. In this case, FLL1 can be
disabled.
4:3
FLL1_REFCLK_
DIV [1:0]
00
FLL1 Clock Reference Divider
00 = MCLK / 1
01 = MCLK / 2
10 = MCLK / 4
11 = MCLK / 8
MCLK (or other input reference) must
be divided down to <=13.5MHz.
For lower power operation, the
reference clock can be divided down
further if desired.
1:0
FLL1_REFCLK_
SRC [1:0]
00
FLL1 Clock source
00 = MCLK1
01 = MCLK2
10 = LRCLK1
11 = BCLK1
R550 (0226h)
FLL1 EFS1
15:0
FLL1_LAMBDA
[15:0]
0000h
FLL Fractional multiply for FREF
This field sets the denominator
(dividing) part of the FLL1_THETA /
FLL1_LAMBDA ratio.
Coded as LSB = 1.
R551 (0227h)
FLL1 EFS2
2:1
11
Reserved - Do not change
0
FLL1_EFS_ENA
0
FLL Fractional Mode EFS enable
0 = Integer Mode
1 = Fractional Mode
This bit should be set to 1 when
FLL1_THETA > 0.
Table 115 FLL1 Register Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com