Electronic Components Datasheet Search
  English  ▼

X  

WM1811A Datasheet(PDF) 190 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 190 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 186Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 187Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 188Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 189Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 190Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 191Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 192Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 193Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 194Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 328 page
background image
WM1811A
Production Data
w
PD, November 2013, Rev 4.1
190
Figure 71 FLL Configuration
The FLL is enabled using the FLLn_ENA register bit (where n = 1 for FLL1 and n = 2 for FLL2). Note
that the other FLL registers should be configured before enabling the FLL; the FLLn_ENA register bit
should be set as the final step of the FLLn enable sequence.
When changing FLL settings, it is recommended that the digital circuit be disabled via FLLn_ENA and
then re-enabled after the other register settings have been updated. When changing the input
reference frequency FREF, it is recommended that the FLL be reset by setting FLLn_ENA to 0.
The field FLLn_REFCLK_DIV provides the option to divide the input reference (MCLK, BCLK or
LRCLK) by 1, 2, 4 or 8. This field should be set to bring the reference down to 13.5MHz or below. For
best performance, it is recommended that the highest possible frequency - within the 13.5MHz limit -
should be selected.
The FLL output frequency is directly determined from FLLn_FRATIO, FLLn_OUTDIV and the real
number represented by N.K.
The integer value, N, is held in the FLLn_N register field. The fractional portion, K, is determined by
the ratio FLLn_THETA / FLLn_LAMBDA.
Note that the FLLn_EFS_ENA register bit must be enabled in fractional mode (ie. whenever
FLLn_THETA > 0).
The FLL output frequency is generated according to the following equation:
FOUT = (FVCO / FLLn_OUTDIV)
The FLLoperating frequency, FVCO is set according to the following equation:
FVCO = (FREF x N.K x FLLn_FRATIO)
FREF is the input frequency, as determined by FLLn_REFCLK_DIV.
FVCO must be in the range 90-100 MHz. Frequencies outside this range cannot be supported.
Note that the output frequencies that do not lie within the ranges quoted above cannot be guaranteed
across the full range of device operating conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com