Electronic Components Datasheet Search
  English  ▼

X  

WM1811A Datasheet(PDF) 192 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 192 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 188Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 189Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 190Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 191Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 192Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 193Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 194Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 195Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 196Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 328 page
background image
WM1811A
Production Data
w
PD, November 2013, Rev 4.1
192
In Fractional Mode (FLLn_THETA > 0 and FLLn_EFS_ENA = 1), the register fields FLLn_THETA and
FLLn_LAMBDA can be calculated as follows:
Calculate GCD(FLL) using the ‘Greatest Common Denominator’ function:
GCD(FLL) = GCD(FLLn_FRATIO x FREF, FVCO)
where GCD(x, y) is the greatest common denominator of x and y
Next, calculate FLLn_THETA and FLLn_LAMBDA using the following equations:
FLLn_THETA = (FVCO - (FLLn_N x FLLn_FRATIO x FREF)) / GCD(FLL)
FLLn_LAMBDA = (FLLn_FRATIO x FREF) / GCD(FLL)
Note that, in Fractional Mode, the values of FLLn_THETA and FLLn_LAMBDA must be co-prime (ie.
not divisible by any common integer). The calculation above ensures that the values will be co-prime.
The value of K must be a fraction less than 1 (ie. FLLn_THETA must be less than FLLn_LAMBDA).
The FLL1 control registers are described in Table 115. The FLL2 control registers are described in
Table 116. Example settings for a variety of reference frequencies and output frequencies are shown
in Table 118.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R544 (0220h)
FLL1 Control (1)
0
FLL1_ENA
0
FLL1 Enable
0 = Disabled
1 = Enabled
This should be set as the final step of
the FLL1 enable sequence, ie. after
the other FLL registers have been
configured.
R545 (0221h)
FLL1 Control (2)
13:8
FLL1_OUTDIV
[5:0]
000000
FLL1 FOUT clock divider
000000 = Reserved
000001 = Reserved
000010 = Reserved
000011 = 4
000100 = 5
000101 = 6
…
111110 = 63
111111 = 64
(FOUT = FVCO / FLL1_OUTDIV)
2:0
FLL1_FRATIO
[2:0]
000
FLL1 FVCO clock divider
000 = 1
001 = 2
010 = 4
011 = 8
1XX = 16
R546 (0222h)
FLL1 Control (3)
15:0
FLL1_THETA[15
:0]
0000h
FLL Fractional multiply for FREF
This field sets the numerator
(multiply) part of the FLL1_THETA /
FLL1_LAMBDA ratio.
Coded as LSB = 1.
R547 (0223h)
FLL1 Control (4)
14:5
FLL1_N[9:0]
000h
FLL Integer multiply for FREF
(LSB = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com