Electronic Components Datasheet Search
  English  ▼

X  

WM1811A Datasheet(PDF) 319 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 319 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 315Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 316Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 317Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 318Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 319Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 320Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 321Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 322Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 323Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 319 / 328 page
background image
Production Data
WM1811A
w
PD, November 2013, Rev 4.1
319
A simple equivalent circuit of a loudspeaker consists of a serially connected resistor and inductor, as
shown in Figure 90. This circuit provides a low pass filter for the speaker output. If the loudspeaker
characteristics are suitable, then the loudspeaker itself can be used in place of the filter components
described earlier. This is known as ‘filterless’ operation.
Figure 90 Speaker Equivalent Circuit for Filterless Operation
For filterless Class D operation, it is important to ensure that a speaker with suitable inductance is
chosen. For example, if we know the speaker impedance is 8Ω and the desired cut-off frequency is
20kHz, then the optimum speaker inductance may be calculated as:
8
 loudspeakers typically have an inductance in the range 20H to 100H, however, it should be
noted that a loudspeaker inductance will not be constant across the relevant frequencies for Class D
operation (up to and beyond the Class D switching frequency). Care should be taken to ensure that
the cut-off frequency of the loudspeaker’s filtering is low enough to suppress the high frequency
energy of the Class D switching and, in so doing, to prevent speaker damage. The Class D outputs of
the WM1811A operate at much higher frequencies than is recommended for most speakers and it
must be ensured that the cut-off frequency is low enough to protect the speaker.
RECOMMENDED EXTERNAL COMPONENTS DIAGRAM
Figure 91provides a summary of recommended external components for WM1811A. Note that this
diagram does not include any components that are specific to the end application e.g. it doesnot
include filtering on the speaker outputs (assume filterless Class D operation), RF decoupling, or RF
filtering for pins which connect to the external world i.e. headphone or speaker outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com