Electronic Components Datasheet Search
  English  ▼

X  

WM1811A Datasheet(PDF) 318 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 318 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 314Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 315Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 316Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 317Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 318Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 319Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 320Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 321Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 322Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 318 / 328 page
background image
WM1811A
Production Data
w
PD, November 2013, Rev 4.1
318
CLASS D SPEAKER CONNECTIONS
The WM1811A incorporates two Class D speaker drivers, which offer high amplifier efficiency at large
signal levels. As the Class D output is a pulse width modulated signal, the choice of speakers and
tracking of signals is critical for ensuring good performance and reducing EMI in this mode.
The efficiency of the speaker drivers is affected by the series resistance between the WM1811A and
the speaker (e.g. PCB track loss and inductor ESR) as shown in Figure 88. This resistance should be
as low as possible to maximise efficiency.
Figure 88 Speaker Connection Losses
The Class D output requires external filtering in order to recreate the audio signal. This may be
implemented using a 2
nd order LC or 1st order RC filter, or else may be achieved by using a
loudspeaker whose internal inductance provides the required filter response. An LC or RC filter should
be used if the loudspeaker characteristics are unknown or unsuitable, or if the length of the
loudspeaker connection is likely to lead to EMI problems.
In applications where it is necessary to provide Class D filter components, a 2
nd order LC filter is the
recommended solution as it provides more attenuation at higher frequencies and minimises power
dissipated in the filter when compared to a first order RC filter (lower ESR). This maximises both
rejection of unwanted switching frequencies and overall speaker efficiency. A suitable implementation
is illustrated in Figure 89.
Figure 89 Class D Output Filter Components



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com