Electronic Components Datasheet Search
  English  ▼

X  

WM1811A Datasheet(PDF) 315 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 315 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 311Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 312Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 313Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 314Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 315Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 316Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 317Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 318Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 319Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 315 / 328 page
background image
Production Data
WM1811A
w
PD, November 2013, Rev 4.1
315
Figure 85 Digital Microphone Connection
The MICBIAS generators can each operate as a voltage regulator or in bypass mode. See “Analogue
Input Signal Path” for details of the MICBIAS generators.
In Regulator mode, the MICBIAS regulators are designed to operate without external decoupling
capacitors. It is important that parasitic capacitances on the MICBIAS1 or MICBIAS2 pins do not
exceed the specified limit in Regulator mode (see “Electrical Characteristics”).
If the capacitive load on MICBIAS1 or MICBIAS2 exceeds the specified limit (eg. due to a decoupling
capacitor or long PCB trace), then the respective generator must be configured in Bypass mode.
The maximum output current is noted in the “Electrical Characteristics”. This limit must be observed
on each MICBIAS output, especially if more than one microphone is connected to a single MICBIAS
pin. Note that the maximum output current differs between Regulator mode and Bypass mode. The
MICBIAS output voltage can be adjusted using register control in Regulator mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com