Electronic Components Datasheet Search
  English  ▼

X  

WM1811A Datasheet(PDF) 312 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 312 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 308Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 309Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 310Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 311Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 312Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 313Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 314Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 315Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 316Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 312 / 328 page
background image
WM1811A
Production Data
w
PD, November 2013, Rev 4.1
312
EARPIECE DRIVER OUTPUT PATH
The earpiece driver on HPOUT2P and HPOUT2Nis designed as a 32ohm BTL speaker driver. The
outputs are referenced to the internal DC reference VMID, but direct connection to the speaker is
possible because of the BTL configuration. There is no requirement for DC blocking capacitors.
LINE OUTPUT PATHS
The WM1811A provides four line outputs (LINEOUT1P, LINEOUT1N, LINEOUT2P and LINEOUT2N).
Each of these outputs is referenced to the internal DC reference, VMID. In any case where a line
output is used in a single-ended configuration (i.e. referenced to AGND), a DC blocking capacitor will
be required in order to remove the DC bias. In the case where a pair of line outputs is configured as a
BTL differential pair, then the DC blocking capacitor should be omitted.
The choice of capacitor is determined from the filter that is formed between the capacitor and the load
impedance – see Figure 83.
Figure 83 Line Output Path Components
LOAD IMPEDANCE
MINIMUM CAPACITANCE
FOR 20HZ PASS BAND
10k
0.8
F
47k
0.17
F
Table 137 Line Output Frequency Cut-Off
Using the figures in Table 137, it follows that that a 1
F capacitance would be a suitable choice for a
line load. Tantalum electrolytic capacitors are again particularly suitable but ceramic equivalents are a
cost effective alternative. Care must be taken to ensure the desired capacitance is maintained at the
appropriate operating voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com