Electronic Components Datasheet Search
  English  ▼

X  

WM1811A Datasheet(PDF) 308 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 308 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 304Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 305Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 306Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 307Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 308Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 309Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 310Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 311Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 312Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 308 / 328 page
background image
WM1811A
Production Data
w
PD, November 2013, Rev 4.1
308
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
1 = Mask interrupt.
8
IM_GP9_EINT
1
GPIO9Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
7
IM_GP8_EINT
1
GPIO8Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
6
Reserved
1
Reserved - do not change
5
IM_JACKDET_EI
NT
1
Jack DetectInterrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
4
Reserved
1
Reserved - do not change
3
Reserved
1
Reserved - do not change
2
Reserved
1
Reserved - do not change
1
Reserved
1
Reserved - do not change
0
IM_GP1_EINT
1
GPIO1Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Register 0738h Interrupt Status 1 Mask
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1849
(0739h)
Interrupt
Status 2
Mask
15
IM_TEMP_WARN
_EINT
1
Temperature Warning Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
14
IM_DCS_DONE_
EINT
1
DC Servo Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
12
IM_FIFOS_ERR_
EINT
1
Digital Core FIFO Error Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
11
IM_AIF2DRC_SI
G_DET_EINT
1
AIF2 DRC Activity Detect Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
9
IM_AIF1DRC1_SI
G_DET_EINT
1
AIF1 DRC Activity Detect Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
8
IM_SRC2_LOCK_
EINT
1
SRC2 Lock Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
7
IM_SRC1_LOCK_
EINT
1
SRC1 Lock Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
6
IM_FLL2_LOCK_
EINT
1
FLL2 Lock Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
5
IM_FLL1_LOCK_
EINT
1
FLL1 Lock Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com