Electronic Components Datasheet Search
  English  ▼

X  

WM1811A Datasheet(PDF) 305 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 305 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 301Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 302Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 303Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 304Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 305Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 306Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 307Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 308Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 309Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 305 / 328 page
background image
Production Data
WM1811A
w
PD, November 2013, Rev 4.1
305
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1824
(0720h) Pull
Control (1)
9
DMICDAT1_PU
0
DMICDAT Pull-Up enable
0 = Disabled
1 = Enabled
8
DMICDAT1_PD
0
DMICDAT Pull-Down enable
0 = Disabled
1 = Enabled
7
MCLK1_PU
0
MCLK1 Pull-up enable
0 = Disabled
1 = Enabled
6
MCLK1_PD
0
MCLK1 Pull-down enable
0 = Disabled
1 = Enabled
5
DACDAT1_PU
0
DACDAT1 Pull-up enable
0 = Disabled
1 = Enabled
4
DACDAT1_PD
0
DACDAT1 Pull-down enable
0 = Disabled
1 = Enabled
3
DACLRCLK1_PU
0
LRCLK1 Pull-up enable
0 = Disabled
1 = Enabled
2
DACLRCLK1_PD
0
LRCLK1 Pull-down enable
0 = Disabled
1 = Enabled
1
BCLK1_PU
0
BCLK1 Pull-up enable
0 = Disabled
1 = Enabled
0
BCLK1_PD
0
BCLK1 Pull-down enable
0 = Disabled
1 = Enabled
Register 0720h Pull Control (1)
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1825
(0721h) Pull
Control (2)
8
ADDR_PD
1
ADDR Pull-down enable
0 = Disabled
1 = Enabled
6
LDO2ENA_PD
1
LDO2ENA Pull-down enable
0 = Disabled
1 = Enabled
4
LDO1ENA_PD
1
LDO1ENA Pull-down enable
0 = Disabled
1 = Enabled
2
Reserved
1
Reserved - do not change
1
SPKMODE_PU
1
SPKMODE Pull-up enable
0 = Disabled
1 = Enabled
Register 0721h Pull Control (2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com