Electronic Components Datasheet Search
  English  ▼

X  

WM1811A Datasheet(PDF) 307 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 307 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 303Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 304Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 305Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 306Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 307Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 308Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 309Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 310Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 311Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 307 / 328 page
background image
Production Data
WM1811A
w
PD, November 2013, Rev 4.1
307
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
1
MICD_EINT
0
Microphone Detection Interrupt
(Rising and falling edge triggered)
Note: Cleared when a ‘1’ is written.
0
TEMP_SHUT_EI
NT
0
Temperature Shutdown Interrupt
(Rising and falling edge triggered)
Note: Cleared when a ‘1’ is written.
Register 0731h Interrupt Status 2
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1842
(0732h)
Interrupt Raw
Status 2
15
TEMP_WARN_S
TS
0
Temperature Warning status
0 = Temperature is below warning level
1 = Temperature is above warning level
14
DCS_DONE_STS
0
DC Servo status
0 = DC Servo not complete
1 = DC Servo complete
12
FIFOS_ERR_STS
0
Digital Core FIFO Error status
0 = Normal operation
1 = FIFO Error
11
AIF2DRC_SIG_D
ET_STS
0
AIF2 DRC Signal Detect status
0 = Signal threshold not exceeded
1 = Signal threshold not exceeded
9
AIF1DRC1_SIG_
DET_STS
0
AIF1 DRC Signal Detect status
0 = Signal threshold not exceeded
1 = Signal threshold not exceeded
8
SRC2_LOCK_ST
S
0
SRC2 Lock status
0 = Not locked
1 = Locked
7
SRC1_LOCK_ST
S
0
SRC1 Lock status
0 = Not locked
1 = Locked
6
FLL2_LOCK_STS
0
FLL2 Lock status
0 = Not locked
1 = Locked
5
FLL1_LOCK_STS
0
FLL1 Lock status
0 = Not locked
1 = Locked
0
TEMP_SHUT_ST
S
0
Temperature Shutdown status
0 = Temperature is below shutdown level
1 = Temperature is above shutdown level
Register 0732h Interrupt Raw Status 2
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1848
(0738h)
Interrupt
Status 1
Mask
10
IM_GP11_EINT
1
GPIO11 Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
9
IM_GP10_EINT
1
GPIO10Interrupt mask.
0 = Do not mask interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com