Electronic Components Datasheet Search
  English  ▼

X  

WM1811A Datasheet(PDF) 310 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 310 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 306Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 307Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 308Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 309Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 310Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 311Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 312Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 313Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 314Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 310 / 328 page
background image
WM1811A
Production Data
w
PD, November 2013, Rev 4.1
310
APPLICATIONS INFORMATION
RECOMMENDED EXTERNAL COMPONENTS
AUDIO INPUT PATHS
The WM1811A provides 8 analogue audio inputs. Each of these inputs is referenced to the internal
DC reference, VMID. A DC blocking capacitor is required for each input pin used in the target
application. The choice of capacitor is determined by the filter that is formed between that capacitor
and the input impedance of the input pin. The circuit is illustrated in Figure 82.
Figure 82 Audio Input Path DC Blocking Capacitor
If the input impedance is known, and the cut-off frequency is known, then the minimum capacitor
value may be derived easily. However, it can be seen from the representation in Figure 82 that the
input impedance is not fixed in all applications but can vary with gain and boost amplifier settings.
The PGA input resistance for every gain setting is detailed in Table 135.
IN1L_VOL[4:0],
IN2L_VOL[4:0],
IN1R_VOL[4:0],
IN2R_VOL[4:0]
VOLUME
(dB)
INPUT RESISTANCE
(kΩ)
SINGLE-ENDED
MODE
DIFFERENTIAL
MODE
00000
-16.5
58
52.5
00001
-15.0
56.9
50.6
00010
-13.5
55.6
48.6
00011
-12.0
54.1
46.4
00100
-10.5
52.5
44.1
00101
-9.0
50.7
41.5
00110
-7.5
48.6
38.9
00111
-6.0
46.5
36.2
01000
-4.5
44.1
33.4
01001
-3.0
41.6
30.6
01010
-1.5
38.9
27.8
01011
0
36.2
25.1
01100
+1.5
33.4
22.5
01101
+3.0
30.6
20.0
01110
+4.5
27.8
17.7
01111
+6.0
25.1
15.6
10000
+7.5
22.5
13.6
10001
+9.0
20.1
11.9
10010
+10.5
17.8
10.3
10011
+12.0
15.6
8.9
10100
+13.5
13.7
7.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com