Electronic Components Datasheet Search
  English  ▼

X  

WM1811A Datasheet(PDF) 313 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 313 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 309Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 310Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 311Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 312Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 313Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 314Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 315Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 316Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 317Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 313 / 328 page
background image
Production Data
WM1811A
w
PD, November 2013, Rev 4.1
313
POWER SUPPLY DECOUPLING
Electrical coupling exists particularly in digital logic systems where switching in one sub-system
causes fluctuations on the power supply. This effect occurs because the inductance of the power
supply acts in opposition to the changes in current flow that are caused by the logic switching. The
resultant variations (or ‘spikes’) in the power supply voltage can cause malfunctions and unintentional
behavior in other components. A decoupling (or ‘bypass’) capacitor can be used as an energy storage
component which will provide power to the decoupled circuit for the duration of these power supply
variations, protecting it from malfunctions that could otherwise arise.
Coupling also occurs in a lower frequency form when ripple is present on the power supply rail caused
by changes in the load current or by limitations of the power supply regulation method. In audio
components such as the WM1811A, these variations can alter the performance of the signal path,
leading to degradation in signal quality. A decoupling (or ‘bypass’) capacitor can be used to filter these
effects, by presenting the ripple voltage with a low impedance path that does not affect the circuit to
be decoupled.
These coupling effects are addressed by placing a capacitor between the supply rail and the
corresponding ground reference. In the case of systems comprising multiple power supply rails,
decoupling should be provided on each rail.
The recommended power supply decoupling capacitors for WM1811A are listed below in Table 138.
POWER SUPPLY
DECOUPLING CAPACITOR
LDO1VDD, DBVDD1, DBVDD2, DBVDD3,
AVDD2
0.1
F ceramic(see Note)
SPKVDD1, SPKVDD2
4.7
F ceramic
AVDD1
4.7
F ceramic
DCVDD
1.0
F ceramic
CPVDD
4.7
F ceramic
VMIDC
4.7
F ceramic
VREFC
1.0
F ceramic
Table 138 Power Supply Decoupling Capacitors
Note: 0.1
F is required with 4.7F a guide to the total required power rail capacitance, including that
at the regulator output.
All decoupling capacitors should be placed as close as possible to the WM1811A device. The
connection between AGND, the AVDD1 decoupling capacitor and the main system ground should be
made at a single point as close as possible to the AGND ball of the WM1811A.
The VMID capacitor is not, technically, a decoupling capacitor. However, it does serve a similar
purpose in filtering noise on the VMID reference. The connection between AGND, the VMID
decoupling capacitor and the main system ground should be made at a single point as close as
possible to the AGND ball of the WM1811A.
Due to the wide tolerance of many types of ceramic capacitors, care must be taken to ensure that the
selected components provide the required capacitance across the required temperature and voltage
ranges in the intended application. For most applications, the use of ceramic capacitors with capacitor
dielectric X5R is recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com