Electronic Components Datasheet Search
  English  ▼

X  

WM1811A Datasheet(PDF) 314 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 314 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 310Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 311Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 312Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 313Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 314Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 315Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 316Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 317Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 318Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 314 / 328 page
background image
WM1811A
Production Data
w
PD, November 2013, Rev 4.1
314
CHARGE PUMP COMPONENTS
A fly-back capacitor is required between the CPCA and CPCB pins. The required capacitance is
2.2µF at 2V.
A decoupling capacitor is required on CPVOUTP and CPVOUTN; the recommended value is 2.2µF at
2V.
The positioning of the Charge Pump capacitors is important, particularly the fly-back capacitor. These
capacitors should be placed as close as possible to the WM1811A.
Due to the wide tolerance of many types of ceramic capacitors, care must be taken to ensure that the
selected components provide the required capacitance across the required temperature and voltage
ranges in the intended application. For most applications, the use of ceramic capacitors with capacitor
dielectric X5R is recommended.
MICROPHONE BIAS CIRCUIT
The WM1811A is designed to interface easily with up to four analogue microphones. These may be
connected in single-ended or differential configurations, as illustrated in Figure 84. The single-ended
method allows greater capability for the connection of multiple audio sources simultaneously, whilst
the differential method provides better performance due to its rejection of common-mode noise.
In either configuration, the analogue microphone requires a bias current (electret condenser
microphones) or voltage supply (silicon microphones), which can be provided by MICBIAS1 or
MICBIAS2.
A current-limiting resistor is required when using an electret condenser microphone (ECM). The
resistance should be chosen according to the minimum operating impedance of the microphone and
MICBIAS voltage so that the maximum bias current of the WM1811A is not exceeded. Wolfson
recommends a 2.2k
 current limiting resistor as it provides compatibility with a wide range of
microphone models.
MIC
To
input
mixers
PGA
Line Input
VMID
IN1LN,
IN2LN,
IN1RN,
IN2RN
IN1LP,
IN2LP,
IN1RP,
IN2RP
MICBIAS1/2
C
2k2
C
AGND
2k2
Figure 84 Single-Ended and Differential Analogue Microphone Connections
The WM1811A also supports up to two digital microphone inputs. The MICBIAS1 generator is suitable
for use as a low noise supply for digital microphones, as shown in Figure 85.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com