Electronic Components Datasheet Search
  English  ▼

X  

WM1811A Datasheet(PDF) 311 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 311 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 307Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 308Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 309Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 310Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 311Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 312Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 313Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 314Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 315Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 311 / 328 page
background image
Production Data
WM1811A
w
PD, November 2013, Rev 4.1
311
IN1L_VOL[4:0],
IN2L_VOL[4:0],
IN1R_VOL[4:0],
IN2R_VOL[4:0]
VOLUME
(dB)
INPUT RESISTANCE
(kΩ)
SINGLE-ENDED
MODE
DIFFERENTIAL
MODE
10101
+15.0
11.9
6.5
10110
+16.5
10.3
5.6
10111
+18.0
8.9
4.8
11000
+19.5
7.7
4.1
11001
+21.0
6.6
3.5
11010
+22.5
5.6
2.9
11011
+24.0
4.8
2.5
11100
+25.5
4.1
2.1
11101
+27.0
3.5
1.8
11110
+28.5
2.9
1.5
11111
+30.0
2.5
1.3
Table 135 PGA Input Pin Resistance
The appropriate input capacitor may be selected using the PGA input resistance data provided in
Table 135, depending on the required PGA gain setting(s).
The choice of capacitor for a 20Hz cut-off frequency is shown in Table 136 for a selection of typical
input impedance conditions.
INPUT IMPEDANCE
MINIMUM CAPACITANCE
FOR 20HZ PASS BAND
2k
4
F
15k
0.5
F
30k
0.27
F
60k
0.13
F
Table 136 Audio InputDC Blocking Capacitors
Using the figures in Table 136, it follows that a 1
F capacitance for all input connections will give good
results in most cases. Tantalum electrolytic capacitors are particularly suitable as they offer high
stability in a small package size.
Ceramic equivalents are a cost effective alternative to the superior tantalum packages, but care must
be taken to ensure the desired capacitance is maintained at the AVDD1 operating voltage. Also,
ceramic capacitors may show microphonic effects, where vibrations and mechanical conditions give
rise to electrical signals. This is particularly problematic for microphone input paths where a large
signal gain is required.
A single capacitor is required for a line input or single-ended microphone connection. In the case of a
differential microphone connection, a DC blocking capacitor is required on both input pins.
HEADPHONE OUTPUT PATH
The headphone output on WM1811A is ground referenced and therefore does not require the large,
expensive capacitors necessary for VMID reference solutions. The headphone load may be
connected directly to the HPOUT1L and HPOUT1R pins, as illustrated in the “Analogue Outputs”
section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com