Electronic Components Datasheet Search
  English  ▼

X  

WM1811A Datasheet(PDF) 302 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 302 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 298Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 299Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 300Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 301Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 302Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 303Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 304Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 305Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 306Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 302 / 328 page
background image
WM1811A
Production Data
w
PD, November 2013, Rev 4.1
302
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1800
(0708h)
GPIO 9
15
GP9_DIR
1
GPIO9 Pin Direction
0 = Output
1 = Input
14
GP9_PU
0
GPIO9 Pull-Up Enable
0 = Disabled
1 = Enabled
13
GP9_PD
1
GPIO9 Pull-Down Enable
0 = Disabled
1 = Enabled
10
GP9_POL
0
GPIO9 Polarity Select
0 = Non-inverted (Active High)
1 = Inverted (Active Low)
9
GP9_OP_CFG
0
GPIO9 Output Configuration
0 = CMOS
1 = Open Drain
8
GP9_DB
1
GPIO9 Input De-bounce
0 = Disabled
1 = Enabled
6
GP9_LVL
0
GPIO9 level. Write to this bit to set a GPIO output. Read from this bit to read
GPIO input level.
For output functions only, when GP9_POL is set, the register contains the
opposite logic level to the external pin.
4:0
GP9_FN [4:0]
0_0001
GPIO9 Pin Function
00h = ADCDAT3
01h = GPIO
02h = Reserved
03h = IRQ
04h = Temperature (Shutdown) status
05h = MICDET status
06h = Reserved
07h = Reserved
08h = Reserved
09h = FLL1 Lock
0Ah = FLL2 Lock
0Bh = SRC1 Lock
0Ch = SRC2 Lock
0Dh = AIF1 DRC Signal Detect
0Eh = Reserved
0Fh = AIF2 DRC Signal Detect
10h = Reserved
11h = FIFO Error
12h = OPCLK Clock output
13h = Temperature (Warning) status
14h = DC Servo Done
15h = FLL1 Clock output
16h = FLL2 Clock output
17h to 1Fh = Reserved
Register 0708h GPIO 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com