Electronic Components Datasheet Search
  English  ▼

X  

WM1811A Datasheet(PDF) 299 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 299 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 295Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 296Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 297Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 298Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 299Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 300Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 301Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 302Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 303Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 299 / 328 page
background image
Production Data
WM1811A
w
PD, November 2013, Rev 4.1
299
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0Ah = FLL2 Lock
0Bh = SRC1 Lock
0Ch = SRC2 Lock
0Dh = AIF1 DRC Signal Detect
0Eh = Reserved
0Fh = AIF2 DRC Signal Detect
10h = Reserved
11h = FIFO Error
12h = OPCLK Clock output
13h = Temperature (Warning) status
14h = DC Servo Done
15h = FLL1 Clock output
16h = FLL2 Clock output
17h to 1Fh = Reserved
Register 0700h GPIO 1
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1793
(0701h) Pull
Control
(MCLK2)
15
Reserved
1
Reserved - do not change
14
MCLK2_PU
0
MCLK2 Pull-up enable
0 = Disabled
1 = Enabled
13
MCLK2_PD
1
MCLK2 Pull-down enable
0 = Disabled
1 = Enabled
8
Reserved
1
Reserved - do not change
0
Reserved
1
Reserved - do not change
Register 0701h Pull Control (MCLK2)
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1794
(0702h) Pull
Control
(BCLK2)
15
Reserved
1
Reserved - do not change
14
BCLK2_PU
0
BCLK2 Pull-up enable
0 = Disabled
1 = Enabled
13
BCLK2_PD
1
BCLK2 Pull-down enable
0 = Disabled
1 = Enabled
8
Reserved
1
Reserved - do not change
0
Reserved
1
Reserved - do not change
Register 0702h Pull Control (BCLK2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com