Electronic Components Datasheet Search
  English  ▼

X  

WM1811A Datasheet(PDF) 296 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 296 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 292Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 293Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 294Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 295Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 296Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 297Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 298Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 299Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 300Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 296 / 328 page
background image
WM1811A
Production Data
w
PD, November 2013, Rev 4.1
296
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
7:0
DAC1L_VOL [7:0]
1100_0000
DAC1L Digital Volume
00h = MUTE
01h = -71.625dB
… (0.375dB steps)
C0h = 0dB
… (0.375dB steps)
E0h = 12dB
FFh = 12dB
Register 0610h DAC1 Left Volume
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1553
(0611h)
DAC1 Right
Volume
9
DAC1R_MUTE
1
DAC1R Soft Mute Control
0 = DAC Un-mute
1 = DAC Mute
8
DAC1_VU
0
DAC1L and DAC1R Volume Update
Writing a 1 to this bit will cause the DAC1L and DAC1R volume to be
updated simultaneously
7:0
DAC1R_VOL [7:0]
1100_0000
DAC1R Digital Volume
00h = MUTE
01h = -71.625dB
… (0.375dB steps)
C0h = 0dB
… (0.375dB steps)
E0h = 12dB
FFh = 12dB
Register 0611h DAC1 Right Volume
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1554
(0612h)
AIF2TX Left
Volume
9
AIF2TXL_MUTE
1
AIF2 Tx (Left) Soft Mute Control
0 = Un-mute
1 = Mute
8
AIF2TX_VU
0
AIF2 Tx (Left) and AIF2 Tx (Right) Volume Update
Writing a 1 to this bit will cause the AIF2TXL and AIF2TXR volume to be
updated simultaneously
7:0
AIF2TXL_VOL
[7:0]
1100_0000
AIF2 Tx (Left) Volume Digital Volume
00h = MUTE
01h = -71.625dB
… (0.375dB steps)
C0h = 0dB
… (0.375dB steps)
E0h = 12dB
FFh = 12dB
Register 0612h AIF2TX Left Volume



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com