Electronic Components Datasheet Search
  English  ▼

X  

WM1811A Datasheet(PDF) 295 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 295 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 291Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 292Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 293Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 294Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 295Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 296Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 297Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 298Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 299Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 295 / 328 page
background image
Production Data
WM1811A
w
PD, November 2013, Rev 4.1
295
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1541
(0605h)
AIF2ADC
Right Mixer
Routing
5
ADCR_TO_AIF2A
DCR
0
Enable Sidetone STR to AIF2 Tx (Right)
0 = Disabled
1 = Enabled
4
ADCL_TO_AIF2A
DCR
0
Enable Sidetone STL to AIF2 Tx (Right)
0 = Disabled
1 = Enabled
2
AIF2DACR_TO_A
IF2ADCR
0
Enable AIF2 (Right) to AIF2 Tx (Right)
0 = Disabled
1 = Enabled
0
AIF1DAC1R_TO_
AIF2ADCR
0
Enable AIF1 (Right) to AIF2 Tx (Right)
0 = Disabled
1 = Enabled
Register 0605h AIF2ADC Right Mixer Routing
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1542
(0606h) AIF1
ADC1 Left
Mixer Routing
1
ADC1L_TO_AIF1
ADC1L
0
Enable ADCL / DMIC (Left) to AIF1 (Left) output
0 = Disabled
1 = Enabled
0
AIF2DACL_TO_A
IF1ADC1L
0
Enable AIF2 (Left) to AIF1 (Left) output
0 = Disabled
1 = Enabled
Register 0606h AIF1 ADC1 Left Mixer Routing
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1543
(0607h) AIF1
ADC1 Right
Mixer Routing
1
ADC1R_TO_AIF1
ADC1R
0
Enable ADCR / DMIC (Right) to AIF1 (Right) output
0 = Disabled
1 = Enabled
0
AIF2DACR_TO_A
IF1ADC1R
0
Enable AIF2 (Right) to AIF1 (Right) output
0 = Disabled
1 = Enabled
Register 0607h AIF1 ADC1 Right Mixer Routing
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1552
(0610h)
DAC1 Left
Volume
9
DAC1L_MUTE
1
DAC1L Soft Mute Control
0 = DAC Un-mute
1 = DAC Mute
8
DAC1_VU
0
DAC1L and DAC1R Volume Update
Writing a 1 to this bit will cause the DAC1L and DAC1R volume to be
updated simultaneously



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com