Electronic Components Datasheet Search
  English  ▼

X  

WM1811A Datasheet(PDF) 292 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 292 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 288Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 289Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 290Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 291Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 292Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 293Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 294Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 295Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 296Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 292 / 328 page
background image
WM1811A
Production Data
w
PD, November 2013, Rev 4.1
292
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1421
(058Dh) AIF2
EQ Band 4 A
15:0
AIF2DAC_EQ_B4
_A [15:0]
0001_0110_10
00_1110
EQ Band 4 Coefficient A
Register 058Dh AIF2 EQ Band 4 A
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1422
(058Eh) AIF2
EQ Band 4 B
15:0
AIF2DAC_EQ_B4
_B [15:0]
1111_1000_00
10_1001
EQ Band 4 Coefficient B
Register 058Eh AIF2 EQ Band 4 B
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1423
(058Fh) AIF2
EQ Band 4 C
15:0
AIF2DAC_EQ_B4
_C [15:0]
0000_0111_10
10_1101
EQ Band 4 Coefficient C
Register 058Fh AIF2 EQ Band 4 C
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1424
(0590h) AIF2
EQ Band 4
PG
15:0
AIF2DAC_EQ_B4
_PG [15:0]
0001_0001_00
00_0011
EQ Band 4 Coefficient PG
Register 0590h AIF2 EQ Band 4 PG
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1425
(0591h) AIF2
EQ Band 5 A
15:0
AIF2DAC_EQ_B5
_A [15:0]
0000_0101_01
10_0100
EQ Band 5 Coefficient A
Register 0591h AIF2 EQ Band 5 A
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1426
(0592h) AIF2
EQ Band 5 B
15:0
AIF2DAC_EQ_B5
_B [15:0]
0000_0101_01
01_1001
EQ Band 5 Coefficient B
Register 0592h AIF2 EQ Band 5 B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com