Electronic Components Datasheet Search
  English  ▼

X  

WM1811A Datasheet(PDF) 290 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 290 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 286Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 287Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 288Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 289Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 290Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 291Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 292Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 293Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 294Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 290 / 328 page
background image
WM1811A
Production Data
w
PD, November 2013, Rev 4.1
290
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0
AIF2DAC_EQ_M
ODE
0
AIF2 EQ Band 1 Mode
0 = Shelving filter
1 = Peak filter
Register 0581h AIF2 EQ Gains (2)
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1410
(0582h) AIF2
EQ Band 1 A
15:0
AIF2DAC_EQ_B1
_A [15:0]
0000_1111_11
00_1010
EQ Band 1 Coefficient A
Register 0582h AIF2 EQ Band 1 A
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1411
(0583h) AIF2
EQ Band 1 B
15:0
AIF2DAC_EQ_B1
_B [15:0]
0000_0100_00
00_0000
EQ Band 1 Coefficient B
Register 0583h AIF2 EQ Band 1 B
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1412
(0584h) AIF2
EQ Band 1
PG
15:0
AIF2DAC_EQ_B1
_PG [15:0]
0000_0000_11
01_1000
EQ Band 1 Coefficient PG
Register 0584h AIF2 EQ Band 1 PG
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1413
(0585h) AIF2
EQ Band 2 A
15:0
AIF2DAC_EQ_B2
_A [15:0]
0001_1110_10
11_0101
EQ Band 2 Coefficient A
Register 0585h AIF2 EQ Band 2 A
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1414
(0586h) AIF2
EQ Band 2 B
15:0
AIF2DAC_EQ_B2
_B [15:0]
1111_0001_01
00_0101
EQ Band 2 Coefficient B
Register 0586h AIF2 EQ Band 2 B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com