Electronic Components Datasheet Search
  English  ▼

X  

WM1811A Datasheet(PDF) 286 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 286 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 282Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 283Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 284Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 285Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 286Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 287Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 288Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 289Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 290Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 286 / 328 page
background image
WM1811A
Production Data
w
PD, November 2013, Rev 4.1
286
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1344
(0540h) AIF2
DRC (1)
15:11
AIF2DRC_SIG_D
ET_RMS [4:0]
0_0000
AIF2 DRC Signal Detect RMS Threshold.
This is the RMS signal level for signal detect to be indicated when
AIF2DRC_SIG_DET_MODE=1.
00000 = -30dB
00001 = -31.5dB
…. (1.5dB steps)
11110 = -75dB
11111 = -76.5dB
10:9
AIF2DRC_SIG_D
ET_PK [1:0]
00
AIF2 DRC Signal Detect Peak Threshold.
This is the Peak/RMS ratio, or Crest Factor, level for signal detect to be
indicated when AIF2DRC_SIG_DET_MODE=0.
00 = 12dB
01 = 18dB
10 = 24dB
11 = 30dB
8
AIF2DRC_NG_E
NA
0
AIF2 DRC Noise Gate Enable
0 = Disabled
1 = Enabled
7
AIF2DRC_SIG_D
ET_MODE
1
AIF2 DRC Signal Detect Mode
0 = Peak threshold mode
1 = RMS threshold mode
6
AIF2DRC_SIG_D
ET
0
AIF2 DRC Signal Detect Enable
0 = Disabled
1 = Enabled
5
AIF2DRC_KNEE2
_OP_ENA
0
AIF2 DRC KNEE2_OP Enable
0 = Disabled
1 = Enabled
4
AIF2DRC_QR
1
AIF2 DRC Quick-release Enable
0 = Disabled
1 = Enabled
3
AIF2DRC_ANTIC
LIP
1
AIF2 DRC Anti-clip Enable
0 = Disabled
1 = Enabled
2
AIF2DAC_DRC_E
NA
0
Enable DRC in AIF2DAC playback path
0 = Disabled
1 = Enabled
1
AIF2ADCL_DRC_
ENA
0
Enable DRC in AIF2ADC (Left) record path
0 = Disabled
1 = Enabled
0
AIF2ADCR_DRC
_ENA
0
Enable DRC in AIF2ADC (Right) record path
0 = Disabled
1 = Enabled
Register 0540h AIF2 DRC (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com