Electronic Components Datasheet Search
  English  ▼

X  

WM1811A Datasheet(PDF) 282 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 282 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 278Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 279Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 280Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 281Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 282Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 283Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 284Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 285Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 286Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 282 / 328 page
background image
WM1811A
Production Data
w
PD, November 2013, Rev 4.1
282
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1164
(048Ch) AIF1
DAC1 EQ
Band 3 PG
15:0
AIF1DAC1_EQ_B
3_PG [15:0]
0000_0101_01
01_1000
EQ Band 3 Coefficient PG
Register 048Ch AIF1 DAC1 EQ Band 3 PG
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1165
(048Dh) AIF1
DAC1 EQ
Band 4 A
15:0
AIF1DAC1_EQ_B
4_A [15:0]
0001_0110_10
00_1110
EQ Band 4 Coefficient A
Register 048Dh AIF1 DAC1 EQ Band 4 A
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1166
(048Eh) AIF1
DAC1 EQ
Band 4 B
15:0
AIF1DAC1_EQ_B
4_B [15:0]
1111_1000_00
10_1001
EQ Band 4 Coefficient B
Register 048Eh AIF1 DAC1 EQ Band 4 B
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1167
(048Fh) AIF1
DAC1 EQ
Band 4 C
15:0
AIF1DAC1_EQ_B
4_C [15:0]
0000_0111_10
10_1101
EQ Band 4 Coefficient C
Register 048Fh AIF1 DAC1 EQ Band 4 C
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1168
(0490h) AIF1
DAC1 EQ
Band 4 PG
15:0
AIF1DAC1_EQ_B
4_PG [15:0]
0001_0001_00
00_0011
EQ Band 4 Coefficient PG
Register 0490h AIF1 DAC1 EQ Band 4 PG
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1169
(0491h) AIF1
DAC1 EQ
Band 5 A
15:0
AIF1DAC1_EQ_B
5_A [15:0]
0000_0101_01
10_0100
EQ Band 5 Coefficient A
Register 0491h AIF1 DAC1 EQ Band 5 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com