Electronic Components Datasheet Search
  English  ▼

X  

WM1811A Datasheet(PDF) 284 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 284 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 280Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 281Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 282Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 283Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 284Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 285Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 286Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 287Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 288Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 284 / 328 page
background image
WM1811A
Production Data
w
PD, November 2013, Rev 4.1
284
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1282
(0502h) AIF2
DAC Left
Volume
8
AIF2DAC_VU
0
AIF2DAC input path Volume Update
Writing a 1 to this bit will cause the AIF2DACL and AIF2DACR volume to be
updated simultaneously
7:0
AIF2DACL_VOL
[7:0]
1100_0000
AIF2DAC (Left) input path Digital Volume
00h = MUTE
01h = -71.625dB
… (0.375dB steps)
C0h = 0dB
FFh = 0dB
Register 0502h AIF2 DAC Left Volume
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1283
(0503h) AIF2
DAC Right
Volume
8
AIF2DAC_VU
0
AIF2DAC input path Volume Update
Writing a 1 to this bit will cause the AIF2DACL and AIF2DACR volume to be
updated simultaneously
7:0
AIF2DACR_VOL
[7:0]
1100_0000
AIF2DAC (Right) input path Digital Volume
00h = MUTE
01h = -71.625dB
… (0.375dB steps)
C0h = 0dB
FFh = 0dB
Register 0503h AIF2 DAC Right Volume
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1296
(0510h) AIF2
ADC Filters
14:13
AIF2ADC_HPF_C
UT [1:0]
00
AIF2ADC output path Digital HPF Cut-Off Frequency (fc)
00 = Hi-fi mode (fc = 4Hz at fs = 48kHz)
01 = Voice mode 1 (fc = 127Hz at fs = 8kHz)
10 = Voice mode 2 (fc = 130Hz at fs = 8kHz)
11 = Voice mode 3 (fc = 267Hz at fs = 8kHz)
12
AIF2ADCL_HPF
0
AIF2ADC (Left) output path Digital HPF Enable
0 = Disabled
1 = Enabled
11
AIF2ADCR_HPF
0
AIF2ADC (Right) output path Digital HPF Enable
0 = Disabled
1 = Enabled
Register 0510h AIF2 ADC Filters
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1312
(0520h) AIF2
DAC Filters
(1)
9
AIF2DAC_MUTE
1
AIF2DAC input path Soft Mute Control
0 = Un-mute
1 = Mute
7
AIF2DAC_MONO
0
AIF2DAC input path Mono Mix Control
0 = Disabled
1 = Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com