Electronic Components Datasheet Search
  English  ▼

X  

WM1811A Datasheet(PDF) 283 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 283 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 279Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 280Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 281Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 282Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 283Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 284Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 285Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 286Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 287Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 328 page
background image
Production Data
WM1811A
w
PD, November 2013, Rev 4.1
283
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1170
(0492h) AIF1
DAC1 EQ
Band 5 B
15:0
AIF1DAC1_EQ_B
5_B [15:0]
0000_0101_01
01_1001
EQ Band 5 Coefficient B
Register 0492h AIF1 DAC1 EQ Band 5 B
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1171
(0493h) AIF1
DAC1 EQ
Band 5 PG
15:0
AIF1DAC1_EQ_B
5_PG [15:0]
0100_0000_00
00_0000
EQ Band 5 Coefficient PG
Register 0493h AIF1 DAC1 EQ Band 5 PG
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1172
(0494h) AIF1
DAC1 EQ
Band 1 C
15:0
AIF1DAC1_EQ_B
1_C [15:0]
0000_0000_00
00_0000
EQ Band 1 Coefficient C
Register 0494h AIF1 DAC1 EQ Band 1 C
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1280
(0500h) AIF2
ADC Left
Volume
8
AIF2ADC_VU
0
AIF2ADC output path Volume Update
Writing a 1 to this bit will cause the AIF2ADCL and AIF2ADCR volume to be
updated simultaneously
7:0
AIF2ADCL_VOL
[7:0]
1100_0000
AIF2ADC (Left) output path Digital Volume
00h = MUTE
01h = -71.625dB
… (0.375dB steps)
EFh = +17.625dB
Register 0500h AIF2 ADC Left Volume
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1281
(0501h) AIF2
ADC Right
Volume
8
AIF2ADC_VU
0
AIF2ADC output path Volume Update
Writing a 1 to this bit will cause the AIF2ADCL and AIF2ADCR volume to be
updated simultaneously
7:0
AIF2ADCR_VOL
[7:0]
1100_0000
AIF2ADC (Right) output path Digital Volume
00h = MUTE
01h = -71.625dB
… (0.375dB steps)
EFh = +17.625dB
Register 0501h AIF2 ADC Right Volume



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com