Electronic Components Datasheet Search
  English  ▼

X  

WM1811A Datasheet(PDF) 279 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 279 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 275Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 276Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 277Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 278Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 279Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 280Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 281Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 282Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 283Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 279 / 328 page
background image
Production Data
WM1811A
w
PD, November 2013, Rev 4.1
279
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1091
(0443h) AIF1
DRC1 (4)
10:5
AIF1DRC1_KNEE
_IP [5:0]
00_0000
AIF1 DRC Input signal level at the Compressor ‘Knee’.
000000 = 0dB
000001 = -0.75dB
000010 = -1.5dB
… (-0.75dB steps)
111100 = -45dB
111101 = Reserved
11111X = Reserved
4:0
AIF1DRC1_KNEE
_OP [4:0]
0_0000
AIF1 DRC Output signal at the Compressor ‘Knee’.
00000 = 0dB
00001 = -0.75dB
00010 = -1.5dB
… (-0.75dB steps)
11110 = -22.5dB
11111 = Reserved
Register 0443h AIF1 DRC1 (4)
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1092
(0444h) AIF1
DRC1 (5)
9:5
AIF1DRC1_KNEE
2_IP [4:0]
0_0000
AIF1 DRC Input signal level at the Noise Gate threshold ‘Knee2’.
00000 = -36dB
00001 = -37.5dB
00010 = -39dB
… (-1.5dB steps)
11110 = -81dB
11111 = -82.5dB
Only applicable when AIF1DRC1_NG_ENA = 1.
4:0
AIF1DRC1_KNEE
2_OP [4:0]
0_0000
AIF1 DRC Output signal at the Noise Gate threshold ‘Knee2’.
00000 = -30dB
00001 = -31.5dB
00010 = -33dB
… (-1.5dB steps)
11110 = -75dB
11111 = -76.5dB
Only applicable when AIF1DRC1_KNEE2_OP_ENA = 1.
Register 0444h AIF1 DRC1 (5)
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1152
(0480h) AIF1
DAC1 EQ
Gains (1)
15:11
AIF1DAC1_EQ_B
1_GAIN [4:0]
0_1100
AIF1 EQ Band 1 Gain
-12dB to +12dB in 1dB steps
10:6
AIF1DAC1_EQ_B
2_GAIN [4:0]
0_1100
AIF1 EQ Band 2 Gain
-12dB to +12dB in 1dB steps
5:1
AIF1DAC1_EQ_B
3_GAIN [4:0]
0_1100
AIF1 EQ Band 3 Gain
-12dB to +12dB in 1dB steps
0
AIF1DAC1_EQ_E
NA
0
Enable EQ in AIF1DAC playback path
0 = Disabled
1 = Enabled
Register 0480h AIF1 DAC1 EQ Gains (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com