Electronic Components Datasheet Search
  English  ▼

X  

WM1811A Datasheet(PDF) 281 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 281 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 277Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 278Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 279Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 280Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 281Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 282Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 283Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 284Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 285Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 281 / 328 page
background image
Production Data
WM1811A
w
PD, November 2013, Rev 4.1
281
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1158
(0486h) AIF1
DAC1 EQ
Band 2 B
15:0
AIF1DAC1_EQ_B
2_B [15:0]
1111_0001_01
00_0101
EQ Band 2 Coefficient B
Register 0486h AIF1 DAC1 EQ Band 2 B
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1159
(0487h) AIF1
DAC1 EQ
Band 2 C
15:0
AIF1DAC1_EQ_B
2_C [15:0]
0000_1011_01
11_0101
EQ Band 2 Coefficient C
Register 0487h AIF1 DAC1 EQ Band 2 C
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1160
(0488h) AIF1
DAC1 EQ
Band 2 PG
15:0
AIF1DAC1_EQ_B
2_PG [15:0]
0000_0001_11
00_0101
EQ Band 2 Coefficient PG
Register 0488h AIF1 DAC1 EQ Band 2 PG
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1161
(0489h) AIF1
DAC1 EQ
Band 3 A
15:0
AIF1DAC1_EQ_B
3_A [15:0]
0001_1100_01
01_1000
EQ Band 3 Coefficient A
Register 0489h AIF1 DAC1 EQ Band 3 A
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1162
(048Ah) AIF1
DAC1 EQ
Band 3 B
15:0
AIF1DAC1_EQ_B
3_B [15:0]
1111_0011_01
11_0011
EQ Band 3 Coefficient B
Register 048Ah AIF1 DAC1 EQ Band 3 B
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1163
(048Bh) AIF1
DAC1 EQ
Band 3 C
15:0
AIF1DAC1_EQ_B
3_C [15:0]
0000_1010_01
01_0100
EQ Band 3 Coefficient C
Register 048Bh AIF1 DAC1 EQ Band 3 C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com