Electronic Components Datasheet Search
  English  ▼

X  

WM1811A Datasheet(PDF) 285 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 285 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 281Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 282Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 283Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 284Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 285Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 286Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 287Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 288Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 289Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 285 / 328 page
background image
Production Data
WM1811A
w
PD, November 2013, Rev 4.1
285
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
5
AIF2DAC_MUTE
RATE
0
AIF2DAC input path Soft Mute Ramp Rate
0 = Fast ramp (fs/2, maximum ramp time is 10.7ms at fs=48k)
1 = Slow ramp (fs/32, maximum ramp time is 171ms at fs=48k)
(Note: ramp rate scales with sample rate.)
4
AIF2DAC_UNMU
TE_RAMP
0
AIF2DAC input path Unmute Ramp select
0 = Unmuting the AIF2DAC path (AIF2DAC_MUTE=0) will immediately apply
the AIF2DACL_VOL and AIF2DACR_VOL settings.
1 = Unmuting the AIF2DAC path (AIF2DAC_MUTE=0) will cause a gradual
volume ramp up to the AIF2DACL_VOL and AIF2DACR_VOL settings.
Register 0520h AIF2 DAC Filters (1)
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1313
(0521h) AIF2
DAC Filters
(2)
13:9
AIF2DAC_3D_GA
IN [4:0]
0_0000
AIF2DAC playback path 3D Stereo depth
00000 = Off
00001 = Minimum (-16dB)
…(0.915dB steps)
11111 = Maximum (+11.45dB)
8
AIF2DAC_3D_EN
A
0
Enable 3D Stereo in AIF2DAC playback path
0 = Disabled
1 = Enabled
Register 0521h AIF2 DAC Filters (2)
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1328
(0530h) AIF2
DAC Noise
Gate
6:5
AIF2DAC_NG_HL
D [1:0]
11
AIF2DAC input path Noise Gate Hold Time
(delay before noise gate is activated)
00 = 30ms
01 = 125ms
10 = 250ms
11 = 500ms
3:1
AIF2DAC_NG_TH
R [2:0]
100
AIF2DAC input path Noise Gate Threshold
000 = -60dB
001 = -66dB
010 = -72dB
011 = -78dB
100 = -84dB
101 = -90dB
110 = -96dB
111 = -102dB
0
AIF2DAC_NG_E
NA
0
AIF2DAC input path Noise Gate Enable
0 = Disabled
1 = Enabled
Register 0530h AIF2 DAC Noise Gate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com