Electronic Components Datasheet Search
  English  ▼

X  

WM1811A Datasheet(PDF) 289 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 289 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 285Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 286Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 287Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 288Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 289Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 290Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 291Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 292Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 293Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 289 / 328 page
background image
Production Data
WM1811A
w
PD, November 2013, Rev 4.1
289
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
4:0
AIF2DRC_KNEE_
OP [4:0]
0_0000
AIF2 DRC Output signal at the Compressor ‘Knee’.
00000 = 0dB
00001 = -0.75dB
00010 = -1.5dB
… (-0.75dB steps)
11110 = -22.5dB
11111 = Reserved
Register 0543h AIF2 DRC (4)
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1348
(0544h) AIF2
DRC (5)
9:5
AIF2DRC_KNEE2
_IP [4:0]
0_0000
AIF2 DRC Input signal level at the Noise Gate threshold ‘Knee2’.
00000 = -36dB
00001 = -37.5dB
00010 = -39dB
… (-1.5dB steps)
11110 = -81dB
11111 = -82.5dB
Only applicable when AIF2DRC_NG_ENA = 1.
4:0
AIF2DRC_KNEE2
_OP [4:0]
0_0000
AIF2 DRC Output signal at the Noise Gate threshold ‘Knee2’.
00000 = -30dB
00001 = -31.5dB
00010 = -33dB
… (-1.5dB steps)
11110 = -75dB
11111 = -76.5dB
Only applicable when AIF2DRC_KNEE2_OP_ENA = 1.
Register 0544h AIF2 DRC (5)
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1408
(0580h) AIF2
EQ Gains (1)
15:11
AIF2DAC_EQ_B1
_GAIN [4:0]
0_1100
AIF2 EQ Band 1 Gain
-12dB to +12dB in 1dB steps
10:6
AIF2DAC_EQ_B2
_GAIN [4:0]
0_1100
AIF2EQ Band 2 Gain
-12dB to +12dB in 1dB steps
5:1
AIF2DAC_EQ_B3
_GAIN [4:0]
0_1100
AIF2EQ Band 3 Gain
-12dB to +12dB in 1dB steps
0
AIF2DAC_EQ_EN
A
0
Enable EQ in AIF2DAC playback path
0 = Disabled
1 = Enabled
Register 0580h AIF2 EQ Gains (1)
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1409
(0581h) AIF2
EQ Gains (2)
15:11
AIF2DAC_EQ_B4
_GAIN [4:0]
0_1100
AIF2EQ Band 4 Gain
-12dB to +12dB in 1dB steps
10:6
AIF2DAC_EQ_B5
_GAIN [4:0]
0_1100
AIF2EQ Band 5 Gain
-12dB to +12dB in 1dB steps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com