Electronic Components Datasheet Search
  English  ▼

X  

WM1811A Datasheet(PDF) 300 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 300 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 296Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 297Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 298Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 299Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 300Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 301Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 302Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 303Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 304Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 300 / 328 page
background image
WM1811A
Production Data
w
PD, November 2013, Rev 4.1
300
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1795
(0703h) Pull
Control
(DACLRCLK
2)
15
Reserved
1
Reserved - do not change
14
DACLRCLK2_PU
0
DACLRCLK2 Pull-up enable
0 = Disabled
1 = Enabled
13
DACLRCLK2_PD
1
DACLRCLK2 Pull-down enable
0 = Disabled
1 = Enabled
8
Reserved
1
Reserved - do not change
0
Reserved
1
Reserved - do not change
Register 0703h Pull Control (DACLRCLK2)
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1796
(0704h) Pull
Control
(DACDAT2)
15
Reserved
1
Reserved - do not change
14
DACDAT2_PU
0
DACDAT2 Pull-up enable
0 = Disabled
1 = Enabled
13
DACDAT2_PD
1
DACDAT2 Pull-down enable
0 = Disabled
1 = Enabled
8
Reserved
1
Reserved - do not change
0
Reserved
1
Reserved - do not change
Register 0704h Pull Control (DACDAT2)
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1797
(0705h)
JACKDET
Ctrl
15
1
Reserved - do not change
13
1
Reserved - do not change
8
JACKDET_DB
1
JACKDET input de-bounce
0 = Disabled
1 = Enabled
6
JACKDET_LVL
0
JACKDET input status
0 = Jack not detected
1 = Jack is detected
0
1
Reserved - do not change
Register 0705hJACKDET Ctrl
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1799
(0707h)
GPIO 8
15
GP8_DIR
1
GPIO8 Pin Direction
0 = Output
1 = Input
14
GP8_PU
0
GPIO8 Pull-Up Enable
0 = Disabled
1 = Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com