Electronic Components Datasheet Search
  English  ▼

X  

PSPSF100 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PSPSF100
Description  AC/DC LED Switching Power Supplies
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSPSF100 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PSPSF100 Datasheet HTML 1Page - Wall Industries,Inc. PSPSF100 Datasheet HTML 2Page - Wall Industries,Inc. PSPSF100 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Wall Industries, Inc.
Rev A
PSPSF100 SERIES
96 Watt, AC/DC LED Switching Power Supplies
08/06/2013
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 3
SPECIFICATIONS: PSPSF100 SERIES
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
Input Voltage
90
295
VAC
Input Frequency
50/60
Hz
At 115 VAC and full load
1.4
Input Current
At 230 VAC and full load
0.7
A
Inrush Current
60
A
Power Factor
At 115/230 VAC and full load
0.9
OUTPUT SPECIFICATIONS
Output Voltage
See Table
PSPSF100-24S
22
26.5
PSPSF100-36S
33
39.5
PSPSF100-48S
44
51.5
Voltage Adjustment Setup
(CV Mode)
PSPSF100-54S
49
55
VDC
PSPSF100-24S
15.6
24
PSPSF100-36S
23.4
36
PSPSF100-48S
31.2
48
Constant Current Operation Voltage
(CC Mode)
PSPSF100-54S
See Note 2
35.1
54
VDC
Voltage Tolerance
-10
+10
%
PSPSF100-24S
2.6
3.5
4.0
PSPSF100-36S
1.72
2.1
2.65
PSPSF100-48S
1.3
1.75
2.0
Preset Current (fixed)
(CC Mode)
PSPSF100-54S
At 230 VAC
1.15
1.4
1.77
A
Minimum Load
See Table
Line Regulation
LL to HL
-4
+4
%
Load Regulation
Min load to max load
-5
+5
%
Output Power
See Table
Ripple & Noise
See Table
Temperature Coefficient
0~50°C
-0.02
+0.02
%/°C
PROTECTION
Short Circuit Protection
auto-recovery
Over Voltage Protection
Zener diode clamp
Over Current Protection
auto-recovery
GENERAL SPECIFICATIONS
Efficiency
At 230 VAC and full load
See Table
Isolation Voltage
Input to Output
3750
VAC
Leakage Current
At 240 VAC
0.7
mA
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
With derating (see derating curve)
-30
+70
°C
Storage Temperature
-40
+85
°C
Humidity
95
% RH
Cooling
Free air convection
MTBF
25°C (MIL-HDBK-217F)
450,000
hours
PHYSICAL SPECIFICATIONS
Weight
1.41 lbs (640g)
Dimensions (L x W x H)
5.66 x 2.79 x 1.48 inches (143.8 x 70.8 x 37.5 mm)
SAFETY & EMC
Safety Approvals
UL8750, IEC / EN 61347-2-13, IEC / EN 61347-1
EMI (Conducted and Radiated Emissions)
EN 55015
EMS (Noise Immunity)
EN61547
Harmonic Current
EN61000-3-2 (at full load), EN 61000-3-3
Surge
2KV (L-N), 4KV (L N – FG)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com