Electronic Components Datasheet Search
  English  ▼

X  

PSPSF100 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # PSPSF100
Description  AC/DC LED Switching Power Supplies
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSPSF100 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  PSPSF100 Datasheet HTML 1Page - Wall Industries,Inc. PSPSF100 Datasheet HTML 2Page - Wall Industries,Inc. PSPSF100 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Wall Industries, Inc.
Rev A
PSPSF100 SERIES
96 Watt, AC/DC LED Switching Power Supplies
08/06/2013
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 3
FEATURES
• Isolation Class II
• RoHS Compliant
• PFC Function, PF>0.9
• Single Outputs
• Double Layered PCB
• Free Air Convection
• Up to 90% High Efficiency
• 96 Watts Maximum Output Power
• Fully Isolated Plastic Case with IP67 Level
• 90~295VAC Input Voltage Range
• Short Circuit, Over Voltage, and Over Load Protection
• Constant Current (CC) & Constant Voltage (CV) Modes
• UL8750, IEC/EN 61347-2-13, & IEC/EN 61347-1 Approvals
• LED Power Applications
DESCRIPTION
IP67
E347942 LEVEL3
Size:
5.66 x 2.79 x 1.48 inches
143.8 x 70.8 x 37.5 mm
The PSPSF100 series of AC/DC LED switching power supplies provides a maximum power rating
of 96W in a 5.66” x 2.79” x 1.48” fully isolated plastic case. These supplies meet IP67 waterproof
standards, which makes them suitable for harsh environments in industrial or commercial
outdoor lighting applications. The PSPSF100 series consists of single output models with an
input voltage range of 90-295VAC. Some features include high efficiency up to 90%, power
factor > 0.9, and short circuit, over voltage, and over load protection. The PSPSF100 series has
both constant current (CC) and constant voltage (CV) modes and is suitable for LED lighting
applications. This series is also RoHS compliant and has UL8750, IEC/EN 61347-1, and IEC/EN
61347-2-13 safety approvals.
MODEL SELECTION TABLE
Output Current
Model Number
Input Voltage Range
Output Voltage (2)
Min
Max
Output Power
Ripple & Noise (1)
Efficiency
PSPSF100-24S
24 VDC (15.6~24 VDC)
2.6 A
3.5 A (2.6~4.0 A)
96 W
2.7Vp-p
89%
PSPSF100-36S
36 VDC (23.4~36 VDC)
1.72 A
2.1 A (1.72~2.65 A)
96 W
5Vp-p
90%
PSPSF100-48S
48 VDC (31.2~48 VDC)
1.3 A
1.75 A (1.3~2.0 A)
96 W
5Vp-p
89%
PSPSF100-54S
90 ~ 295 VAC
54 VDC (35.1~54 VDC)
1.15 A
1.4 A (1.15~1.77 A)
95.6 W
5Vp-p
90%
NOTES
1. Measured at 20MHz bandwidth and with 0.1µF and 47µF capacitors in parallel.
2. Input Voltage = 115VAC or 230VAC. This is suitable operation region for LED related applications but please reconfirm special electrical requirements for
some specific system designs.
DERATING CURVES
Load vs Ambient Temperature
Load vs Input Voltage
0
20
40
60
80
100
120
-30 -20
0
20
40
60
70
80
Ambient Temperature (°C)
50%
Others
Under 120VAC
45
0
20
40
60
100
120
90
120
135
155
230
264
295
Input Voltage (VAC)
80
Ta=25°C
Note: If the output is not connected to LEDs, the input voltage must be
greater than 180VAC


Similar Part No. - PSPSF100

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSPSF-125 WALL-PSPSF-125 Datasheet
171Kb / 5P
AC/DC Switching power Supplies
PSPSF-125-12 WALL-PSPSF-125-12 Datasheet
171Kb / 5P
AC/DC Switching power Supplies
PSPSF-125-15 WALL-PSPSF-125-15 Datasheet
171Kb / 5P
AC/DC Switching power Supplies
PSPSF-125-24 WALL-PSPSF-125-24 Datasheet
171Kb / 5P
AC/DC Switching power Supplies
PSPSF-125-48 WALL-PSPSF-125-48 Datasheet
171Kb / 5P
AC/DC Switching power Supplies
More results

Similar Description - PSPSF100

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAYC WALL-PSAYC Datasheet
102Kb / 3P
AC/DC Switching Power Supplies
PSHF35W WALL-PSHF35W Datasheet
97Kb / 3P
AC/DC Switching Power Supplies
PSPSD-60 WALL-PSPSD-60 Datasheet
225Kb / 5P
AC/DC Switching Power Supplies
PSAQF120 WALL-PSAQF120 Datasheet
517Kb / 10P
AC/DC Switching Power Supplies
PSAQF240 WALL-PSAQF240 Datasheet
512Kb / 7P
AC/DC Switching Power Supplies
PSGE100 WALL-PSGE100 Datasheet
413Kb / 5P
AC/DC Switching Power Supplies
PSALF240 WALL-PSALF240 Datasheet
224Kb / 4P
AC/DC LED Switching Power Supplies
PSAPF100 WALL-PSAPF100 Datasheet
548Kb / 4P
AC/DC LED Switching Power Supplies
PSAPF150 WALL-PSAPF150 Datasheet
547Kb / 4P
AC/DC LED Switching Power Supplies
PSQLF100 WALL-PSQLF100 Datasheet
120Kb / 4P
AC/DC LED Switching Power Supplies
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com