Electronic Components Datasheet Search
  English  ▼

X  

PSPSF100 Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # PSPSF100
Description  AC/DC LED Switching Power Supplies
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSPSF100 Datasheet(HTML) 3 Page - Wall Industries,Inc.

  PSPSF100 Datasheet HTML 1Page - Wall Industries,Inc. PSPSF100 Datasheet HTML 2Page - Wall Industries,Inc. PSPSF100 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Wall Industries, Inc.
Rev A
PSPSF100 SERIES
96 Watt, AC/DC LED Switching Power Supplies
08/06/2013
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 3 of 3
BLOCK DIAGRAM
EMI FILTER
&
RECTIFIERS
POWER
SWITCHING
O.L.P.
PWM
CONTROL
FILTER
&
RECTIFIERS
DETECTION
CIRCUIT
O.C.P.
I/P
+V
-V
MECHANICAL DRAWING
6.45 (163.8)
6.06 (153.8)
5.66 (143.8)
Unit: inches (mm)
11.81±0.79 (300.0±20.0)
AC/L (Brown)
AC/N (Blue)
+V
-V
(Red)
(Black)
0.13 (3.2)
11.81±0.79 (300.0±20.0)
TOP VIEW
Tolerance: 0.08” (±2mm)
COMPANY INFORMATION
Wall Industries, Inc. has created custom and modified units for over 50 years. Our in-house research and development engineers will provide a
solution that exceeds your performance requirements on-time and on budget. Our ISO9001-2008 certification is just one example of our
commitment to producing a high quality, well-documented product for our customers.
Our past projects demonstrate our commitment to you, our customer. Wall Industries, Inc. has a reputation for working closely with its customers to
ensure each solution meets or exceeds form, fit and function requirements. We will continue to provide ongoing support for your project above and
beyond the design and production phases. Give us a call today to discuss your future projects.
Contact Wall Industries for further information:
Phone:
(603)778-2300
Toll Free:
(888)597-9255
Fax:
(603)778-9797
E-mail:
sales@wallindustries.com
Web:
www.wallindustries.com
Address:
37 Industrial Drive
Exeter, NH 03833



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com