Electronic Components Datasheet Search
  English  ▼

X  

WS3620 Datasheet(PDF) 4 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # WS3620
Description  WS3620 Single Channel LED Constant Current Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WS3620 Datasheet(HTML) 4 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WS3620 Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3620 Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3620 Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3620 Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3620 Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3620 Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3620 Datasheet HTML 7Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.winsemi.com
Tel : +86-755-8250 6288
Fax : +86-755-8250 6299
4/7
WS3620 Product Description
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
Function
Function
Function
Function Description
Description
Description
Description
Output
Output
Output
Output Current
Current
Current
Current Setting
Setting
Setting
Setting
Output current can be set by Rext Resistor, the formula is:
xt
xt
V
Iout
REXT
Re
6
.
0
Re
=
=
Efficiency
Efficiency
Efficiency
Efficiency Design
Design
Design
Design
Below shows the application circuit efficiency formula:
IN
LED
LED
IN
LED
LED
IN
LED
V
V
n
I
V
I
V
n
P
P
*
*
*
*
=
=
=
η
Vin is system input power voltage. VLED is single LED drop
voltage. ILED is LED current. It is can be seen thatlarger
quantities of series LED in system brings higher efficiency.
In system design,WS3620 output operating voltage is based
on application environment so that it optimizes N value.
LED
LED
LED
LED Series
Series
Series
Series Number
Number
Number
Number Design
Design
Design
Design
Designing LED series number in the system should consider
two aspects below:
output voltage is VOUT = Vin – n*VLED.
(1) To ensure the normal operation, output voltage should
be VOUT > VOUT_MIN;
(2) Lower output voltage brings higher system efficiency.
Basing on the two points above, WS3620 output voltage
range is VOUT_MIN ~ VOUT_MAX and LED series number
formula is:
LED
MIN
OUT
LED
MAX
OUT
V
V
Vin
n
V
V
Vin
_
_
−
<
<
−
Input
Input
Input
Input Capacitor
Capacitor
Capacitor
Capacitor
The larger capacitance C2 produces smaller voltage ripple
to Vin, and keeps small ripple to SM2082 output
voltage. C2 capacitance depends on total operating current
from LED tubes: the more current generates the
more C2 capacitance (usually 4.7uF/400V~22uF/400V). The
formula is shown below:
V
I
t
C
LED
∆
=
*
ILED is output current, time t = 1/4/Fac=5mS, △V is output
voltage ripple。
Increase
Increase
Increase
Increase Output
Output
Output
Output Power
Power
Power
Power
The quantity of chip is based on the amount of parallel
connection groups and lights operating current of LED tubes.
In the diagram below, resistor of REXT1~REXT2 can be the
same or different.
In IC parallel application, when Rext value is different, the
constant current turn-on voltage in the system is the
maximum voltage of parallel WS3620.
2 2 0 V ~
L E D 1 -1
L E D 1 -n
L E D 2 -1
L E D 2 -n
C 2
R e x t 1
R e x t 2
R e x t N
C 3
G N D
1
2
3
O U T
G N D
R E X T
I C 1
O U T
G N D
R E X T
O U T
G N D
R E X T
I C 2
I C N
1
2
3
1
2
3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com