Electronic Components Datasheet Search
  English  ▼

X  

WS3620 Datasheet(PDF) 1 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # WS3620
Description  WS3620 Single Channel LED Constant Current Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WS3620 Datasheet(HTML) 1 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WS3620 Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3620 Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3620 Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3620 Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3620 Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3620 Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3620 Datasheet HTML 7Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Copyright@Winsemi Microelectronics Co., Ltd., All right reserved.
W/T-DE033-Rev.A/0 May.2014
0514
WS3620 Product Description
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
Features
Features
Features
Features
■ Output current adjustable
■ Inter-chip output current deviation <±4%
■ Over temperature protection
■ Sharing PCB board with LED lamps
■ Excellence EMI performance
■ Simple circuit and low cost
Applications
Applications
Applications
Applications
■ T5/T8 LED tubers
■ LED street lighting
■ LED bulb lamp,LED ceiling lamp
General
General
General
General Description
Description
Description
Description
WS3620 is a single channel LED constant current driver
which integrates patented constant current setting and
control technology. The output current designed by
external REXT is 5mA~60mA and it is invariant to output
voltage change, which has better constant current
performance.
It is a low cost circuit with simple circuit and less external
components.
WS3620 TO252 and ESOP-8 Package。
Typical
Typical
Typical
Typical Application
Application
Application
Application Diagram
Diagram
Diagram
Diagram
WS3620
WS3620
WS3620
WS3620 Single
Single
Single
Single Channel
Channel
Channel
Channel LED
LED
LED
LED Constant
Constant
Constant
Constant Current
Current
Current
Current Dr
Dr
Dr
Driver
iver
iver
iver
A C
R 1
1
2
3
O U T
G N D
R E X T


Similar Part No. - WS3620

ManufacturerPart #DatasheetDescription
logo
IDEAL-TEK SA
WS3620 IDEAL-TEK-WS3620 Datasheet
255Kb / 1P
Wire Stripper
REV.00
WS3620.IT IDEAL-TEK-WS3620.IT Datasheet
255Kb / 1P
Wire Stripper
REV.00
More results

Similar Description - WS3620

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR9026 LRC-LR9026 Datasheet
463Kb / 9P
16-channel constant current LED driver
logo
Comchip Technology
TB62783FNG COMCHIP-TB62783FNG_15 Datasheet
74Kb / 6P
8-Channel Constant-Current LED Driver
logo
Marktech Corporate
TB62777FNG MARKTECH-TB62777FNG_15 Datasheet
338Kb / 20P
8-Channel Constant-Current LED Driver
TC62D776CFG MARKTECH-TC62D776CFG_15 Datasheet
525Kb / 33P
16-Channel Constant-Current LED Driver
TC62D776CFNAG MARKTECH-TC62D776CFNAG_15 Datasheet
567Kb / 33P
16-Channel Constant-Current LED Driver
logo
SamHop Microelectronics...
SM6704 SAMHOP-SM6704 Datasheet
86Kb / 1P
4-Channel Constant Current LED Driver
logo
Shenzhen Huazhimei Semi...
HM1810-6 HMSEMI-HM1810-6 Datasheet
348Kb / 5P
Single channel LED constant current driver chip
HM1810 HMSEMI-HM1810 Datasheet
646Kb / 6P
Single-channel LED Constant Current Driver Chip
HM7163 HMSEMI-HM7163 Datasheet
902Kb / 7P
single channel dimmable LED constant current driver chip
HM7501 HMSEMI-HM7501 Datasheet
727Kb / 10P
Single channel LED constant current driver IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com