Electronic Components Datasheet Search
  English  ▼

X  

WS3620 Datasheet(PDF) 2 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # WS3620
Description  WS3620 Single Channel LED Constant Current Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WS3620 Datasheet(HTML) 2 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WS3620 Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3620 Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3620 Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3620 Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3620 Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3620 Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3620 Datasheet HTML 7Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.winsemi.com
Tel : +86-755-8250 6288
Fax : +86-755-8250 6299
2/7
WS3620 Product Description
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
Pi
Pi
Pi
Pin
n
n
n Definition
Definition
Definition
Definition and
and
and
and Device
Device
Device
Device Marking
Marking
Marking
Marking
WS620 is available in TO252 and ESOP-8 package:
Pin
Pin
Pin
Pin Function
Function
Function
Function Description
Description
Description
Description
Pin
Pin
Pin
Pin Name
Name
Name
Name
Pin
Pin
Pin
Pin Number
Number
Number
Number
Function
Function
Function
Function Description
Description
Description
Description
OUT
1
Power input and constant current output
GND
2
GND
REXT
3
Output current setting port
Function
Function
Function
Function Block
Block
Block
Block
WS3620:
A: product code
X:Inner code
B:region code
YM:year code,month code
G N D 1
R E X T 1
1
1
1
1
2
2
2
2
3
3
3
3
4
4
4
4
8
8
8
8
7
7
7
7
6
6
6
6
5
5
5
5
O U T 1
N C
G N D 2
R E X T 2
O U T 2
N C
V D D G E N
R E F
E A
5 V
0 . 6 V
+
-
Temp-Adjust
G N D
R E X T
O U T
3
3
3
3
2
2
2
2
1
1
1
1
G N D
O U T
R E X T



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com