Electronic Components Datasheet Search
  English  ▼

X  

MD1822 Datasheet(PDF) 1 Page - Supertex, Inc

Part # MD1822
Description  High Speed Four Channel MOSFET Driver with Two Inverting and Two Non-Inverting Outputs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

MD1822 Datasheet(HTML) 1 Page - Supertex, Inc

  MD1822 Datasheet HTML 1Page - Supertex, Inc MD1822 Datasheet HTML 2Page - Supertex, Inc MD1822 Datasheet HTML 3Page - Supertex, Inc MD1822 Datasheet HTML 4Page - Supertex, Inc MD1822 Datasheet HTML 5Page - Supertex, Inc MD1822 Datasheet HTML 6Page - Supertex, Inc MD1822 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Supertex inc.
Supertex inc.
1235 Bordeaux Drive, Sunnyvale, CA 94089
Tel: 408-222-8888
www.supertex.com
MD1822
Features
► Mixed inversion MOSFET driver
► 6.0ns rise and fall time
► 2.0A peak output source/sink current
► 1.8 to 5.0V input CMOS compatible
► 5.0 to 10V total supply voltage
► Smart logic threshold
► Low jitter design
► Four matched channels
► Drives two P- and two N-channel MOSFETs
► Outputs can swing below ground
► Low inductance, quad flat no-lead package
► High performance, thermally enhanced
packaging
Applications
► Medical ultrasound imaging
► Piezoelectric transducer drivers
► Non-Destructive Testing (NDT)
► PIN diode driver
► CCD Clock driver/buffer
► High speed level translator
General Description
The Supertex MD1822 is a high speed, four channel MOSFET driver
designed to drive high voltage P- and N-channel MOSFETs for medical
ultrasound applications and other applications requiring a high output
current for a capacitive load. The high-speed input stage of the MD1822
can operate from a 1.8 to 5.0V logic interface with an optimum operating
input signal range of 1.8 to 3.3V. An adaptive threshold circuit is used to
set the level translator switch threshold to the average of the input logic 0
and logic 1 levels. The input logic levels may be ground referenced, even
though the driver is putting out bipolar signals. The level translator uses a
proprietary circuit, which provides DC coupling together with high-speed
operation.
The output stage of the MD1822 has separate power connections
enabling the output signal L and H levels to be chosen independently from
the supply voltages used for the majority of the circuit. As an example, the
input logic levels may be 0 and 1.8V, the control logic may be powered by
+5.0 and -5.0V, and the output L and H levels may be varied anywhere
over the range of -5.0 to +5.0V. The output stage is capable of peak
currents of up to ±2.0A, depending on the supply voltages used and load
capacitance present. The PE pin serves a dual purpose. First, its logic H
level is used to compute the threshold voltage level for the channel input
level translators. Second, when PE is low, the outputs are disabled, with
the A & C output high and the B & D output low. This assists in properly
precharging the AC coupling capacitors that may be used in series in the
gate drive circuit of an external PMOS and NMOS transistor pair.
Typical Application Circuit
High Speed Four Channel MOSFET Driver with Two Inverting
and Two Non-Inverting Outputs
3.3V CMOS
Logic Inputs
OUTA
OUTB
OUTC
OUTD
+10V
0.1µF
VDD
VH
+10V
VSS
VL
GND
INA
INB
INC
IND
PE
Supertex
MD1822
PIN
10nF
10nF
+100V
HV
OUT
-100V
+3.3V
NIN
DMP
0.47µF
Supertex
TC6320
0.47µF
0.47µF
Supertex
TC6320
10nF
10nF


Similar Part No. - MD1822

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
MD1820K6-G SUTEX-MD1820K6-G Datasheet
692Kb / 8P
High Speed, Four Channel MOSFET Driver with Non-Inverting Outputs
More results

Similar Description - MD1822

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC4049 TI-CD74HC4049 Datasheet
28Kb / 5P
High-Speed CMOS Logic Hex Buffers, Inverting and Non-Inverting
logo
Fairchild Semiconductor
DM74ALS1035 FAIRCHILD-DM74ALS1035 Datasheet
45Kb / 4P
Hex Non-Inverting Driver with Open Collector Outputs
MM74C240 FAIRCHILD-MM74C240 Datasheet
99Kb / 8P
Inverting . Non-Inverting Octal Buffer and Line Driver with 3-STATE Outputs
logo
Texas Instruments
CD54HC4049 TI-CD54HC4049 Datasheet
331Kb / 7P
High-Speed CMOS Logic Hex Buffers, Inverting and Non-Inverting
logo
ATMEL Corporation
ATR0809 ATMEL-ATR0809 Datasheet
222Kb / 8P
FOUR CHANNEL LASER DRIVER WITH RF OSCILLATOR AND TWO OUTPUTS
logo
Texas Instruments
CD54HC4049 TI-CD54HC4049_07 Datasheet
261Kb / 10P
High-Speed CMOS Logic Hex Buffers, Inverting and Non-Inverting
CD54HC4049 TI-CD54HC4049_08 Datasheet
291Kb / 10P
High-Speed CMOS Logic Hex Buffers, Inverting and Non-Inverting
logo
Fairchild Semiconductor
DM74ALS1035MX FAIRCHILD-DM74ALS1035MX Datasheet
49Kb / 4P
Hex Non-Inverting Driver with Open Collector Outputs
logo
Supertex, Inc
MD1820K6-G SUTEX-MD1820K6-G Datasheet
692Kb / 8P
High Speed, Four Channel MOSFET Driver with Non-Inverting Outputs
logo
Texas Instruments
CD54HC4049 TI1-CD54HC4049_18 Datasheet
645Kb / 10P
High-Speed CMOS Logic Hex Buffers, Inverting and Non-Inverting
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com