Electronic Components Datasheet Search
  English  ▼

X  

MD1822 Datasheet(PDF) 3 Page - Supertex, Inc

Part # MD1822
Description  High Speed Four Channel MOSFET Driver with Two Inverting and Two Non-Inverting Outputs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

MD1822 Datasheet(HTML) 3 Page - Supertex, Inc

  MD1822 Datasheet HTML 1Page - Supertex, Inc MD1822 Datasheet HTML 2Page - Supertex, Inc MD1822 Datasheet HTML 3Page - Supertex, Inc MD1822 Datasheet HTML 4Page - Supertex, Inc MD1822 Datasheet HTML 5Page - Supertex, Inc MD1822 Datasheet HTML 6Page - Supertex, Inc MD1822 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Supertex inc.
1235 Bordeaux Drive, Sunnyvale, CA 94089
Tel: 408-222-8888
www.supertex.com
MD1822
Logic Truth Table
Logic Inputs
Output
PE
INA
INB
OUTA
OUTB
H
L
H
V
H
V
H
H
L
L
V
H
V
L
H
H
H
V
L
V
H
H
H
L
V
L
V
L
L
X
X
V
H
V
L
PE
INC
IND
OUTC
OUTD
H
L
H
V
H
V
H
H
L
L
V
H
V
L
H
H
H
V
L
V
H
H
H
L
V
L
V
L
L
X
X
V
H
V
L
C
IN
Logic input capacitance
-
5.0
10
pF
---
R
SINK
Output sink resistance
-
1.5
-
Ω
I
SINK = 50mA
R
SOURCE
Output source resistance
-
2.0
-
Ω
I
SOURCE = 50mA
I
SINK
Peak output sink current
-
2.0
-
A
---
I
SOURCE
Peak output source current
-
2.0
-
A
---
t
irf
Input or PE rise & fall time
-
-
10
ns
Logic input edge speed
requirement
t
PLH
Propagation delay when output
is from low to high
-
6.5
-
ns
C
LOAD = 1000pF, see timing
diagram
Input signal rise/fall time 2.0ns
t
PHL
Propagation delay when output
is from high to low
-
6.5
-
ns
t
r
Output rise time
-
7.0
-
ns
t
f
Output fall time
-
7.0
-
ns
l t
r - tf l
Rise and fall time matching
-
1.0
-
ns
For each channel
l t
PLH-tPHL l
Propagation low to high and
high to low matching
-
1.0
-
ns
∆t
dm
Propagation delay matching
-
±2.0
-
ns
Device to device delay match
t
PE-ON
PE on-time
-
-
5.0
µs
V
PE = 1.7 ~ 5.25V
V
DD = 7.5 ~ 11.5V
-20 ~ 85OC
t
PE-OFF
PE off-time
-
-
4.0
µs
DC Electrical Characteristics (cont.) (V
H = VDD = 10V, VL = VSS = GND = 0V, VPE = 3.3V, TA = 25°C)
Sym
Parameter
Min
Typ
Max
Units Conditions
AC Electrical Characteristics (V
H = VDD = 10V, VL = VSS = GND = 0V, VPE = 3.3V, TA = 25°C)
Sym
Parameter
Min
Typ
Max
Units Conditions



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com